Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1550POTB Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1550POTB
Description  Low-Noise Synchronous PWM Step-Down DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1550POTB Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1550POTB Datasheet HTML 2Page - Analog Intergrations Corporation AIC1550POTB Datasheet HTML 3Page - Analog Intergrations Corporation AIC1550POTB Datasheet HTML 4Page - Analog Intergrations Corporation AIC1550POTB Datasheet HTML 5Page - Analog Intergrations Corporation AIC1550POTB Datasheet HTML 6Page - Analog Intergrations Corporation AIC1550POTB Datasheet HTML 7Page - Analog Intergrations Corporation AIC1550POTB Datasheet HTML 8Page - Analog Intergrations Corporation AIC1550POTB Datasheet HTML 9Page - Analog Intergrations Corporation AIC1550POTB Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AIC1550
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Fig. 7 Load Current vs. Efficiency (W/ or W/O Schottky Diode)
Load Current (mA)
0.1
1
10
100
1000
30
40
50
60
70
80
90
100
Wo/ Schottky Diode
W/ Schottky Diode
SYNC= GND
SYNC= VIN
VOUT=3.0V
Temperature (°C)
-50
-25
0
25
50
75
100
125
0.725
0.730
0.735
0.740
0.745
0.750
0.755
0.760
0.765
VIN=3.6V
Fig. 8 Reference Voltage vs. Temperature
Fig. 9 Oscillator Frequency vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
120
450
460
470
480
490
500
510
520
530
540
550
VIN=3.6V
Fig. 10 Frequency vs. Input Voltage
Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
450
460
470
480
490
500
510
520
530
540
550
Fig. 11 RDSON vs. Supply Voltage
Supply Voltage (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
Main Switch
Synchronous Switch
Fig. 12 Output Voltage vs. Load Current
Load Current (mA)
1
10
100
1000
1.72
1.74
1.76
1.78
1.80
1.82
VIN=3.6V
6


Similar Part No. - AIC1550POTB

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1553 AIC-AIC1553 Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
AIC1553CV AIC-AIC1553CV Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
AIC1553CVBG AIC-AIC1553CVBG Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
AIC1553CVTR AIC-AIC1553CVTR Datasheet
391Kb / 9P
   Compact 500KHz PWM/PFM, Step-Down DC/DC Converters
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
More results

Similar Description - AIC1550POTB

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6550 SSC-SS6550 Datasheet
403Kb / 13P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Analog Intergrations Co...
AIC1555 AIC-AIC1555 Datasheet
717Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
AIC1554 AIC-AIC1554 Datasheet
789Kb / 15P
   Low-Noise Synchronous PWM Step-Down DC/DC Converter
logo
Linear Technology
LT1612 LINER-LT1612_1 Datasheet
252Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612_15 Datasheet
257Kb / 12P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
LT1612 LINER-LT1612 Datasheet
176Kb / 8P
   Synchronous, Step-Down 800kHz PWM DC/DC Converter
logo
List of Unclassifed Man...
RT9226B ETC-RT9226B Datasheet
139Kb / 6P
   SYNCHRONOUS PWM STEP-DOWN DC/DC CONVERTER CONTROLLER
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
RICOH electronics devic...
R1232D RICOH-R1232D Datasheet
845Kb / 24P
   PWM STEP-DOWN DC/DC CONVERTER WITH SYNCHRONOUS RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com