Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN217 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UN217
Description  Transistor array to drive the small motor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN217 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UN217 Datasheet HTML 1Page - Panasonic Semiconductor UN217 Datasheet HTML 2Page - Panasonic Semiconductor UN217 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Small Signal Transistor Arrays
UN217
Transistor array to drive the small motor
s Features
q
Small and lightweight
q
Low power consumption (low VCE(sat) transistor used)
q
Low-voltage drive
q
With 4 elements incorporated (SO–10C)
s Applications
q
Video cameras
q
Cameras
q
Portable CD players
q
Small motor drive circuits in general for electronic equipment.
s Absolute Maximum Ratings (Ta=25±2˚C)
Unit: mm
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
±12
V
Collector to emitter voltage
VCEO
±10
V
Emitter to base voltage
VEBO
±7V
Collector current
IC
±1A
Total power dissipation
PT*
0.5
W
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
Note:
± marks used above: +: NPN part, –: PNP part
* TC = 25˚C only when the elements are active
SO–10C Package
6
°
12
°
45
°
7.7
±0.3
0.5
±0.2
1
56
10
1.5
±0.1
0.8
12
°
6
°
5.5
±0.3
1
2
3
4
5
10
9
8
7
6


Similar Part No. - UN217

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN217 PANASONIC-UN217 Datasheet
65Kb / 4P
   Transistor array to drive the small motor
More results

Similar Description - UN217

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN228 PANASONIC-UN228 Datasheet
108Kb / 5P
   Transistor array to drive the small motor
UN222 PANASONIC-UN222 Datasheet
105Kb / 5P
   Transistor array to drive the small motor
UNA0217 PANASONIC-UNA0217 Datasheet
65Kb / 4P
   Transistor array to drive the small motor
UNA0227 PANASONIC-UNA0227 Datasheet
51Kb / 3P
   Transistor array to drive the small motor
UN225 PANASONIC-UN225 Datasheet
46Kb / 3P
   Transistor array to drive the small motor
UN206 PANASONIC-UN206 Datasheet
46Kb / 3P
   Transistor array to drive the small motor
UNA0216 PANASONIC-UNA0216 Datasheet
78Kb / 4P
   Transistor array to drive the small motor
UNA0233 PANASONIC-UNA0233 Datasheet
27Kb / 2P
   Transistor array to drive the small motor
UN227 PANASONIC-UN227 Datasheet
29Kb / 2P
   Transistor array to drive the small motor
UNA0232 PANASONIC-UNA0232 Datasheet
28Kb / 2P
   Transistor array to drive the small motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com