Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN2116 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UN2116
Description  Silicon PNP epitaxial planer transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN2116 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UN2116 Datasheet HTML 1Page - Panasonic Semiconductor UN2116 Datasheet HTML 2Page - Panasonic Semiconductor UN2116 Datasheet HTML 3Page - Panasonic Semiconductor UN2116 Datasheet HTML 4Page - Panasonic Semiconductor UN2116 Datasheet HTML 5Page - Panasonic Semiconductor UN2116 Datasheet HTML 6Page - Panasonic Semiconductor UN2116 Datasheet HTML 7Page - Panasonic Semiconductor UN2116 Datasheet HTML 8Page - Panasonic Semiconductor UN2116 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Transistors with built-in Resistor
UN2111/2112/2113/2114/2115/2116/2117/2118/2119/2110/
211D/211E/211F/211H/211L/211M/211N/211T/211V/211Z
Silicon PNP epitaxial planer transistor
For digital circuits
s Features
q
Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
q
Mini type package, allowing downsizing of the equipment and
automatic insertion through tape packing and magazine packing.
s Resistance by Part Number
Marking Symbol
(R1)(R2)
q
UN2111
6A
10k
10k
q
UN2112
6B
22k
22k
q
UN2113
6C
47k
47k
q
UN2114
6D
10k
47k
q
UN2115
6E
10k
q
UN2116
6F
4.7k
q
UN2117
6H
22k
q
UN2118
6I
0.51k
5.1k
q
UN2119
6K
1k
10k
q
UN2110
6L
47k
q
UN211D
6M
47k
10k
q
UN211E
6N
47k
22k
q
UN211F
6O
4.7k
10k
q
UN211H
6P
2.2k
10k
q
UN211L
6Q
4.7k
4.7k
q
UN211M
EI
2.2k
47k
q
UN211N
EW
4.7k
47k
q
UN211T
EY
22k
47k
q
UN211V
FC
2.2k
2.2k
q
UN211Z
FE
4.7k
22k
s Absolute Maximum Ratings (Ta=25˚C)
1:Base
2:Emitter
EIAJ:SC-59
3:Collector
Mini Type Package
Unit: mm
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
–50
V
Collector to emitter voltage
VCEO
–50
V
Collector current
IC
–100
mA
Total power dissipation
PT
200
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
2.8
+0.2
–0.3
1.5
+0.25
–0.05
0.65
±0.15
0.65
±0.15
3
1
2
0.4
±0.2
0.1 to 0.3
B
C
R1
R2
E


Similar Part No. - UN2116

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN2119 PANASONIC-UN2119 Datasheet
77Kb / 3P
   Silicon PNP epitaxial planar type
More results

Similar Description - UN2116

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com