Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN111F Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # UN111F
Description  Silicon PNP epitaxial planer transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN111F Datasheet(HTML) 5 Page - Panasonic Semiconductor

  UN111F Datasheet HTML 1Page - Panasonic Semiconductor UN111F Datasheet HTML 2Page - Panasonic Semiconductor UN111F Datasheet HTML 3Page - Panasonic Semiconductor UN111F Datasheet HTML 4Page - Panasonic Semiconductor UN111F Datasheet HTML 5Page - Panasonic Semiconductor UN111F Datasheet HTML 6Page - Panasonic Semiconductor UN111F Datasheet HTML 7Page - Panasonic Semiconductor UN111F Datasheet HTML 8Page - Panasonic Semiconductor UN111F Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
UNR111x Series
SJH00001BED
Cob  VCB
IO  VIN
VIN  IO
IC  VCE
VCE(sat)  IC
hFE  IC
Characteristics charts of UNR1113
0
−0.1
6
5
4
3
2
1
−1
−10
−100
Collector-base voltage V
CB (V)
f
= 1 MHz
IE
= 0
Ta
= 25°C
−1
−0.4
−10
−102
−103
−104
−1.4
−1.2
−1.0
−0.8
−0.6
Input voltage VIN (V)
VO =
−5 V
Ta = 25
°C
−0.01
−0.1
−0.1
−1
−10
−100
−1
−10
−100
Output current I
O (mA)
VO
= −0.2 V
Ta = 25
°C
0
0
−12
−2
−10
−4
−8
−6
−40
−120
−80
−160
Collector-emitter voltage V
CE (V)
Ta
= 25°C
IB
= −1.0 mA
−0.9 mA
−0.8 mA
−0.7 mA
−0.6 mA
−0.5 mA
−0.4 mA
−0.3 mA
−0.2 mA
− 0.1 mA
−0.01
−0.1
−0.1
−1
−10
−100
−1
−10
−100
Collector current I
C (mA)
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
0
−1
100
200
300
400
−10
−100
−1000
Collector current IC (mA)
VCE
= −10 V
Ta
= 75°C
25
°C
−25°C
Cob  VCB
IO  VIN
VIN  IO
0
−0.1
6
5
4
3
2
1
−1
−10
−100
Collector-base voltage V
CB (V)
f
= 1 MHz
IE
= 0
Ta
= 25°C
−1
−0.4
−10
−102
−103
−104
−1.4
−1.2
−1.0
−0.8
−0.6
Input voltage V
IN (V)
VO
= −5 V
Ta
= 25°C
−0.01
−0.1
−0.1
−1
−10
−100
−1
−10
−100
Output current I
O (mA)
VO
= − 0.2 V
Ta
= 25°C


Similar Part No. - UN111F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN11004 PANASONIC-UN11004 Datasheet
38Kb / 2P
   Circuit Protector Elements
UN11008 PANASONIC-UN11008 Datasheet
38Kb / 2P
   Circuit Protector Elements
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
UN11020 PANASONIC-UN11020 Datasheet
34Kb / 2P
   Circuit Protector Elements
UN11027 PANASONIC-UN11027 Datasheet
35Kb / 2P
   Circuit Protector Elements
More results

Similar Description - UN111F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com