Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CTM8B54EN Datasheet(PDF) 3 Page - Ceramate Technical

Part # CTM8B54EN
Description  EPROM-Based 8-Bit COMS Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CTM8B54EN Datasheet(HTML) 3 Page - Ceramate Technical

  CTM8B54EN Datasheet HTML 1Page - Ceramate Technical CTM8B54EN Datasheet HTML 2Page - Ceramate Technical CTM8B54EN Datasheet HTML 3Page - Ceramate Technical CTM8B54EN Datasheet HTML 4Page - Ceramate Technical CTM8B54EN Datasheet HTML 5Page - Ceramate Technical CTM8B54EN Datasheet HTML 6Page - Ceramate Technical CTM8B54EN Datasheet HTML 7Page - Ceramate Technical CTM8B54EN Datasheet HTML 8Page - Ceramate Technical CTM8B54EN Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3.0 FUNCTIONAL DESCRIPTIONS
3.1 REGISTER MAP
The register map of CTM8B5X is depicted as below:.
The Register Map of CTM8B54E/56E
Address
Description
00h
Indirect Addressing Register
01h
Timer0
02h
PC
03h
STATUS
04h
FSR
05h
PORTA
06h
PORTB
07h-1Fh
General Purpose Register
The Register Map of CTM8B55E
Address
Description
00h
Indirect Addressing Register
01h
Timer0
02h
PC
03h
STATUS
04h
FSR
05h
PORTA
06h
PORTB
07h
PORTC
08h-1Fh
General Purpose Register
The Register Map of CTM8B57E
Address
Description
FSR<6:5>
Bank 0
00
Bank 1
01
Bank 2
10
Bank 3
11
00h
Indirect Address-
ing Register
Map back to address in Bank 0
01h
Timer0
02h
PC
03h
STATUS
04h
FSR
05h
PORTA
06h
PORTB
07h
PORTC
08h~0Fh
General Purpose
Register
10h~1Fh
General Purpose
Register
30h~3Fh
General Purpose
Register
50h~5Fh
General Purpose
Register
70h~7Fh
General Purpose
Register
CMOS Microcontroller
EPROM-Based 8-Bit
CTM8B54E/55E/56E/57E
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN, R.O.C
Email: server@ceramate.com.tw
Tel:886-3-3529445
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 3 of
23
Rev 1.1 Dec 26,2001


Similar Part No. - CTM8B54EN

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
CTM8251 REICU-CTM8251 Datasheet
161Kb / 1P
   Rec-Send
REV:13.1
CTM8251A REICU-CTM8251A Datasheet
142Kb / 1P
   Rec-Send
REV:13.3
CTM8251AT REICU-CTM8251AT Datasheet
142Kb / 1P
   Rec-Send
REV:13.3
CTM8251T REICU-CTM8251T Datasheet
161Kb / 1P
   Rec-Send
REV:13.1
More results

Similar Description - CTM8B54EN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
   EPROM-Based 8-Bit CMOS Microcontroller
logo
Feeling Technology Corp...
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C62X MICROCHIP-PIC16C62X Datasheet
645Kb / 108P
   EPROM-Based 8-Bit CMOS Microcontroller
1998
logo
Feeling Technology Corp...
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
   EPROM-Based 8-Bit CMOS Microcontroller Series
1996
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com