Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V281620HCT-7I Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY57V281620HCT-7I
Description  4 Banks x 2M x 16bits Synchronous DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V281620HCT-7I Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY57V281620HCT-7I Datasheet HTML 3Page - Hynix Semiconductor HY57V281620HCT-7I Datasheet HTML 4Page - Hynix Semiconductor HY57V281620HCT-7I Datasheet HTML 5Page - Hynix Semiconductor HY57V281620HCT-7I Datasheet HTML 6Page - Hynix Semiconductor HY57V281620HCT-7I Datasheet HTML 7Page - Hynix Semiconductor HY57V281620HCT-7I Datasheet HTML 8Page - Hynix Semiconductor HY57V281620HCT-7I Datasheet HTML 9Page - Hynix Semiconductor HY57V281620HCT-7I Datasheet HTML 10Page - Hynix Semiconductor HY57V281620HCT-7I Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HY57V281620HC(L/S)T-I
Rev. 1.0/Mar. 02
8
AC CHARACTERISTICS II
Note :
1. A new command can be given tRRC after self refresh exit
Parameter
Symbol
-6I
-7I
-KI
-HI
-8I
-PI
-SI
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
RAS Cycle Time
Operation
tRC
60
-
60
-
60
-
65
-
68
-
70
-
70
-
ns
Auto Refresh
tRRC
60
-
65
-
65
-
65
-
68
-
70
-
70
-
ns
RAS to CAS Delay
tRCD
18
-
20
-
15
-
20
-
20
-
20
-
20
-
ns
RAS Active Time
tRAS
42
100K
45
100K
45
100K
45
100K
48
100K
50
100K
50
100K
ns
RAS Precharge Time
tRP
18
-
20
-
15
-
20
-
20
-
20
-
20
-
ns
RAS to RAS Bank Active Delay
tRRD
12
-
14
-
15
-
15
-
16
-
20
-
20
-
ns
CAS to CAS Delay
tCCD
1-
1-
1-1
-
1
-
1-
1-
CLK
Write Command to Data-In Delay
tWTL
0
-
0
-
0
-
0
-
0
-
0
-
0
-
CLK
Data-In to Precharge Command
tDPL
2
-
2
-
2
-
2
-
2
-
2
-
2
-
CLK
Data-In to Active Command
tDAL
5-
5-
4-5
-
4
-
3-
3-
CLK
DQM to Data-Out Hi-Z
tDQZ
2-
2-
2-2
-
2
-
2-
2-
CLK
DQM to Data-In Mask
tDQM
0-
0-
0-0
-
0
-
0-
0-
CLK
MRS to New Command
tMRD
2
-
2
-
2
-
2
-
2
-
2
-
2
-
CLK
Precharge to Data
Output Hi-Z
CAS Latency = 3
tPROZ3
3
-
3
-
3
-
3
-
3
-
3
-
3
-
CLK
CAS Latency = 2
tPROZ2
2
-
2
-
2
-
2
-
2
-
2
-
2
-
CLK
Power Down Exit Time
tPDE
1
-
1
-
1
-
1
-
1
-
1
-
1
-
CLK
Self Refresh Exit Time
tSRE
1-
1-
1-1
-
1
-
1-
1-
CLK
1
Refresh Time
tREF
-64-64
-
64-64
-64-64
-64
ms


Similar Part No. - HY57V281620HCT-7I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620HCT-7 HYNIX-HY57V281620HCT-7 Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
More results

Similar Description - HY57V281620HCT-7I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620A HYNIX-HY57V281620A Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5V26CF HYNIX-HY5V26CF Datasheet
186Kb / 14P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT HYNIX-HY57V281620HCT Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5Y2B6DLF-HE HYNIX-HY5Y2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5S2B6DLF-SE HYNIX-HY5S2B6DLF-SE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5W2B6DLF-HE HYNIX-HY5W2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
logo
Samsung semiconductor
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
   2M x 8Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com