Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU3055CQ Datasheet(PDF) 2 Page - International Rectifier

Part # IRU3055CQ
Description  5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3055CQ Datasheet(HTML) 2 Page - International Rectifier

  IRU3055CQ Datasheet HTML 1Page - International Rectifier IRU3055CQ Datasheet HTML 2Page - International Rectifier IRU3055CQ Datasheet HTML 3Page - International Rectifier IRU3055CQ Datasheet HTML 4Page - International Rectifier IRU3055CQ Datasheet HTML 5Page - International Rectifier IRU3055CQ Datasheet HTML 6Page - International Rectifier IRU3055CQ Datasheet HTML 7Page - International Rectifier IRU3055CQ Datasheet HTML 8Page - International Rectifier IRU3055CQ Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
Rev. 1.4
08/13/02
IRU3055
www.irf.com
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over VCL1=VCL23=VCH12=VCH3=12V, Vcc=5V and TA=0 to
70°C. Typical values refer to TA=25°C. Low duty cycle pulse testing is used which keeps junction and case tem-
peratures equal to the ambient temperature.
ABSOLUTE MAXIMUM RATINGS
VCH12 and VCH3 Supply Voltage ...................................
30V (not rated for inductor load)
VCL1 and VCL23 Supply Voltage ...................................
20V
VCC Supply Voltage ..................................................
7V
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 125°C
PACKAGE INFORMATION
36-PIN WIDE BODY PLASTIC QSOP (Q)
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Supply Current Section
Operating Supply Current
VID Section
DAC Output Voltage (Note 1)
DAC Output Line Regulation
DAC Output Temp Variation
VID Input LO
VID Input HI
VID Input Internal Pull-Up
Resistor to 3.3V
CL High Side=3000pF
CL Low Side=6000pF
V5
V12 (150KHz frequency)
4.5 < Vcc < 5.5V
0
8C < temp < 708C
17
30
-1.5
-0.7
2
12.4
19
50
Vs
-0.06
1.4
16.4
21
70
+1.5
+0.7
2
0.4
20.4
mA
%
%
%
V
V
K
V
uJA =608C/W
4
3
2
1
25
26
27
28
14
7
6
5
22
23
24
13
12
11
10
19
9
20
8
21
18
17
16
15
36
35
34
33
32
31
30
29
Rt
Comp
Fb
SS
CS1
CS2
CS3
Vcc
VSET
D0
D1
D2
D3
D4
Fault
OCSet
Gnd
SD
PGood
Ref
VCH3
HDrv3
PGnd3
LDrv3
VCL23
LDrv2
PGnd2
Gnd
NC
HDrv2
VCH12
HDrv1
OCGnd
PGnd1
LDrv1
VCL1
ICC
ICLH
VDAC
LREG
TREG
VIDR


Similar Part No. - IRU3055CQ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3055CQ IRF-IRU3055CQ Datasheet
27Kb / 2P
   POWER MANAGEMENT CHIPSET FOR 3-PHASE VRM 9.0 CONVERTERS
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
More results

Similar Description - IRU3055CQ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3055CQTR IRF-IRU3055CQTR Datasheet
354Kb / 26P
   5-BIT PROGRAMMABLE 3-PHASE SYNCHRONOUS BUCK CONTROLLER IC
logo
UNISEM
US3012 UNISEM-US3012 Datasheet
75Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3010 UNISEM-US3010 Datasheet
74Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
US3011 UNISEM-US3011 Datasheet
72Kb / 11P
   5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
International Rectifier
IRU3011CWTR IRF-IRU3011CWTR Datasheet
83Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
IRU3011 IRF-IRU3011 Datasheet
77Kb / 13P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC
logo
Analog Devices
ADP3163 AD-ADP3163 Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3163JRUZ-REEL AD-ADP3163JRUZ-REEL Datasheet
138Kb / 16P
   5-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3186 AD-ADP3186 Datasheet
618Kb / 24P
   5-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com