Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY57V281620HCT-SI Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY57V281620HCT-SI
Description  4 Banks x 2M x 16bits Synchronous DRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V281620HCT-SI Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY57V281620HCT-SI Datasheet HTML 3Page - Hynix Semiconductor HY57V281620HCT-SI Datasheet HTML 4Page - Hynix Semiconductor HY57V281620HCT-SI Datasheet HTML 5Page - Hynix Semiconductor HY57V281620HCT-SI Datasheet HTML 6Page - Hynix Semiconductor HY57V281620HCT-SI Datasheet HTML 7Page - Hynix Semiconductor HY57V281620HCT-SI Datasheet HTML 8Page - Hynix Semiconductor HY57V281620HCT-SI Datasheet HTML 9Page - Hynix Semiconductor HY57V281620HCT-SI Datasheet HTML 10Page - Hynix Semiconductor HY57V281620HCT-SI Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HY57V281620HC(L/S)T-I
Rev. 1.0/Mar. 02
11
PACKAGE INFORMATION
400mil 54pin Thin Small Outline Package
11.938(0.4700)
11.735(0.4620)
10.262(0.4040)
10.058(0.3960)
22.327(0.8790)
22.149(0.8720)
5deg
0deg
0.597(0.0235)
0.406(0.0160)
0.210(0.0083)
0.120(0.0047)
1.194(0.0470)
0.991(0.0390)
0.80(0.0315)BSC
0.400(0.016)
0.300(0.012)
UNIT : mm(inch)
0.150(0.0059)
0.050(0.0020)


Similar Part No. - HY57V281620HCT-SI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620HCT-S HYNIX-HY57V281620HCT-S Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
More results

Similar Description - HY57V281620HCT-SI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V281620A HYNIX-HY57V281620A Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5V26CF HYNIX-HY5V26CF Datasheet
186Kb / 14P
   4 Banks x 2M x 16bits Synchronous DRAM
HY57V281620HCT HYNIX-HY57V281620HCT Datasheet
97Kb / 13P
   4 Banks x 2M x 16bits Synchronous DRAM
HY5Y2B6DLF-HE HYNIX-HY5Y2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5S2B6DLF-SE HYNIX-HY5S2B6DLF-SE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
HY5W2B6DLF-HE HYNIX-HY5W2B6DLF-HE Datasheet
1Mb / 26P
   4Banks x 2M x 16bits Synchronous DRAM
logo
Samsung semiconductor
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V64820HG HYNIX-HY57V64820HG Datasheet
134Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
HY57V64820HGTP HYNIX-HY57V64820HGTP Datasheet
85Kb / 11P
   4 Banks x 2M x 8Bit Synchronous DRAM
logo
Samsung semiconductor
KM48S8030C SAMSUNG-KM48S8030C Datasheet
82Kb / 8P
   2M x 8Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com