Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFOJ3385B5 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EFOJ3385B5
Description  eramic Resonators, Chip Type (Built-In Capacitors Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EFOJ3385B5 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EFOJ3385B5 Datasheet HTML 1Page - Panasonic Semiconductor EFOJ3385B5 Datasheet HTML 2Page - Panasonic Semiconductor EFOJ3385B5 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ceramic Resonators, Chip Type
(Built-In Capacitors Type)
Type:
S ( 2 to13 MHz)
Type:
B (13.1 to 20 MHz)
Type:
J (30.1 to 50 MHz)
n Explanation of Part Numbers
n Features
l Encased in ceramic package
l High reliability against soldering heat and mechanical
stress
l Moisture-proof sealing
l Low Profile Type (1.8 mm maximum in thickness)
l Designed for reflow soldering
l Flat-bottom plate for better mountings
l Contributes simplification of oscillation circuits and
reduces the numbers of circuit parts
E
F
O
3584
n Recommended Applications
l Clock generator for microprocessers
l Carrier between telecommunication equipment
(Telephone to telephone, personal computer to
printer)
n Precautions for Safety (See Page 218 to 219)
Part Number
Oscillation
Built-in
Frequency
Loop Gain
Temperature
Capacitors
Bulk Pack
Embossed Taping
(fo)
(G)
Characteristics
(Reference)
EFOS3584B5
EFOS3584E5
3.58 MHz ±0.5 %
Maximum frequency drift:
EFOS4004B5
EFOS4004E5
4.00 MHz ±0.5 %
10 dB min.
±0.2 %, Ð20 to 80 ¡C
33 pF
EFOS8004B5
EFOS8004E5
8.00 MHz ±0.5 %
EFOS1005B5
EFOS1005E5
10.00 MHz ±0.5 %
15 dB min.
Maximum frequency drift:
33 pF
EFOS1205B5
EFOS1205E5
12.00 MHz ±0.5 %
±1.0 %, Ð20 to 80 ¡C
EFOB1605B5
EFOB1605E5
16.00 MHz ±0.5 %
Maximum frequency drift:
EFOB1695B5
EFOB1695E5
16.93 MHz ±0.5 %
15 dB min.
±0.5 %, Ð20 to 80 ¡C
33 pF
EFOB2005B5
EFOB2005E5
20.00 MHz ±0.5 %
EFOJ3205B5
EFOJ3205E5
32.00 MHz ±0.5 %
Maximum frequency drift:
EFOJ3385B5
EFOJ3385E5
33.868 MHz ±0.5 %
6 dB min.
±0.2 %, Ð20 to 80 ¡C
10 pF
EFOJ4005B5
EFOJ4005E5
40.00 MHz ±0.5 %
n Ratings and Characteristics
Note:
Also available are types other than above standard products in the
frequency range of 3 to 50 MHz.
Please contact us for more information.
l Operating Temperature Range: Ð20 to 80 ûC
Ceramic Resonators (Chip Type)


Similar Part No. - EFOJ3385B5

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
EFOJ3584B0 AEL-EFOJ3584B0 Datasheet
149Kb / 1P
   Chip Ceramic Resonators General Purpose
EFOJ3584B0 AEL-EFOJ3584B0 Datasheet
166Kb / 1P
   Chip Ceramic Resonators Built-In Capacitors
EFOJ3584B3 AEL-EFOJ3584B3 Datasheet
149Kb / 1P
   Chip Ceramic Resonators General Purpose
EFOJ3584B3 AEL-EFOJ3584B3 Datasheet
166Kb / 1P
   Chip Ceramic Resonators Built-In Capacitors
EFOJ3584B5 AEL-EFOJ3584B5 Datasheet
149Kb / 1P
   Chip Ceramic Resonators General Purpose
More results

Similar Description - EFOJ3385B5

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
EFOS3584B5 AEL-EFOS3584B5 Datasheet
166Kb / 1P
   Chip Ceramic Resonators Built-In Capacitors
logo
Panasonic Semiconductor
EFO-P3584E5 PANASONIC-EFO-P3584E5 Datasheet
246Kb / 4P
   Ceramic Resonators, Chip Type
logo
Abracon Corporation
AWSZTMGS-T ABRACON-AWSZTMGS-T Datasheet
390Kb / 3P
   HIGH FREQUENCY, WITHOUT BUILT-IN CAPACITORS SMD WASHABLE CERAMIC RESONATORS
Rev. B 01/2003
logo
Omron Electronics LLC
EE-SX3173 OMRON-EE-SX3173 Datasheet
3Mb / 9P
   Built-in Photomicrosensor Connector Type
logo
List of Unclassifed Man...
DSX321G ETC-DSX321G Datasheet
78Kb / 1P
   SMD Type Crystal Resonators
DSX531S ETC2-DSX531S Datasheet
95Kb / 1P
   SMD Type Crystal Resonators
logo
AVX Corporation
PBRC-B AVX-PBRC-B Datasheet
130Kb / 2P
   Built-in Capacitor MHz Band SMT Resonators
logo
NEC
FA4A4M NEC-FA4A4M Datasheet
685Kb / 22P
   RESISTOR BUILT-IN TYPE NPN TRANSISTOR
FN4F4M NEC-FN4F4M Datasheet
327Kb / 22P
   RESISTOR BUILT-IN TYPE PNP TRANSISTOR
GN4A4Z NEC-GN4A4Z Datasheet
322Kb / 22P
   RESISTOR BUILT-IN TYPE PNP TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com