Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH75411 Datasheet(PDF) 1 Page - Sharp Corporation

Part # LH75411
Description  System-on-Chip
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH75411 Datasheet(HTML) 1 Page - Sharp Corporation

  LH75411 Datasheet HTML 1Page - Sharp Corporation LH75411 Datasheet HTML 2Page - Sharp Corporation LH75411 Datasheet HTML 3Page - Sharp Corporation LH75411 Datasheet HTML 4Page - Sharp Corporation LH75411 Datasheet HTML 5Page - Sharp Corporation LH75411 Datasheet HTML 6Page - Sharp Corporation LH75411 Datasheet HTML 7Page - Sharp Corporation LH75411 Datasheet HTML 8Page - Sharp Corporation LH75411 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
Preliminary Data Sheet
6/4/03
1
LH75400/01/10/11
Preliminary Data Sheet
System-on-Chip
DESCRIPTION
The SHARP BlueStreak LH75400/01/10/11 family
consists of four low-cost 16/32-bit System-on-Chip
(SoC) devices.
• LH75401 — contains the superset of features.
• LH75411 — similar to LH75401, without CAN 2.0B.
• LH75400 — similar to LH75401, but with a Gray-
scale LCDC only.
• LH75410 — similar to LH75400, without CAN 2.0B.
COMMON FEATURES
• Highly Integrated System-on-Chip
• ARM7TDMI-S™ Core
• High Performance (70 MHz CPU Speed)
– Internal PLL Driven or External Clock Driven
– Crystal Oscillator/Internal PLL Can Operate with
Input Frequency Range of 14 MHz to 20 MHz
• 32KB On-chip SRAM
– 16KB Tightly Coupled Memory (TCM) SRAM
– 16KB Internal SRAM
• Clock and Power Management
– Low Power Modes: Standby, Sleep, Stop
• Eight Channel, 10-bit Analog-to-Digital Converter
• Integrated Touch Screen Controller
• Serial interfaces
– Two 16C550-type UARTs supporting baud rates
up to 921,600 baud (requires crystal frequency of
14.756 MHz).
– One 82510-type UART supporting baud rates up
to 3,225,600 baud (requires a system clock of
70 MHz).
• Synchronous Serial Port
– Motorola SPI™
– National Semiconductor Microwire™
– Texas Instruments SSI
• Real-Time Clock (RTC)
• Three Counter/Timers
– Capture/Compare/PWM Compatibility
– Watchdog Timer (WDT)
• Low-Voltage Detector
• JTAG Debug Interface and Boundary Scan
• Single 3.3 V Supply
• 5 V Tolerant Inputs
• 144-pin LQFP Package
•-40
°C to +85°C Operating Temperature
Unique Features of the LH75401
• Color and Grayscale Liquid Crystal Display (LCD)
Controller
– 12-bit (4,096) Direct Mode Color, up to VGA
– 8-bit (256) Direct or Palletized Color, up to SVGA
– 4-bit (16) Direct Mode Color/Grayscale, up to XGA
– 12-bit Video Bus
– Supports STN, TFT, HR-TFT, and AD-TFT
Displays.
• CAN Controller that supports CAN version 2.0B.
Unique Features of the LH75411
• Color and Grayscale LCD Controller (LCDC)
– 12-bit (4,096) Direct Mode Color, up to VGA
– 8-bit (256) Direct or Palletized Color, up to SVGA
– 4-bit (16) Direct Mode Color/Grayscale, up to XGA
– 12-bit Video Bus
– Supports STN, TFT, HR-TFT, and AD-TFT
Displays.
Unique Features of the LH75400
• Grayscale LCDC
– 4-bit (16 Level) Grayscale, up to XGA
– 8-bit Video Bus
– Supports STN Displays.
• Controller Area Network (CAN) Controller that sup-
ports CAN version 2.0B.
Unique Features of the LH75410
• Grayscale LCDC
– 4-bit (16 Level) Grayscale, up to XGA
– 8-bit Video Bus
– Supports STN Displays.
NOTES:ARM7 Thumb, and ARM7TDMI-S are trademarks of ARM
LTD. Motorola SPI is a trademark of Motorola, Inc. Microwire
is a trademark of National Semiconductor Corporation.
VGA and XGA modes require 66 MHz CPU speed.


Similar Part No. - LH75411

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH75411 NXP-LH75411 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH75411N0Q100C0 NXP-LH75411N0Q100C0 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
More results

Similar Description - LH75411

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LH79520 NXP-LH79520 Datasheet
663Kb / 59P
   System-on-Chip
Rev. 01 - 16 July 2007
logo
STMicroelectronics
UM0932 STMICROELECTRONICS-UM0932 Datasheet
689Kb / 43P
   system-on-chip
logo
NXP Semiconductors
LH75401 NXP-LH75401 Datasheet
674Kb / 63P
   System-on-Chip
Rev. 01-16 July 2007
LH79524 NXP-LH79524 Datasheet
979Kb / 64P
   System-on-Chip
Rev. 01-16 July 2007
logo
Cypress Semiconductor
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200-L CYPRESS-PSOC4200-L Datasheet
3Mb / 46P
   Programmable System-on-Chip
logo
List of Unclassifed Man...
N575F145 ETC2-N575F145 Datasheet
695Kb / 21P
   system-on-chip product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com