Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5034 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5034 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM5034 Datasheet HTML 1Page - National Semiconductor (TI) LM5034 Datasheet HTML 2Page - National Semiconductor (TI) LM5034 Datasheet HTML 3Page - National Semiconductor (TI) LM5034 Datasheet HTML 4Page - National Semiconductor (TI) LM5034 Datasheet HTML 5Page - National Semiconductor (TI) LM5034 Datasheet HTML 6Page - National Semiconductor (TI) LM5034 Datasheet HTML 7Page - National Semiconductor (TI) LM5034 Datasheet HTML 8Page - National Semiconductor (TI) LM5034 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Pin Description (Continued)
PIN
NAME
DESCRIPTION
APPLICATIONS INFORMATION
6
UVLO
VIN Under-Voltage Lockout
An external resistor divider sets the input voltage threshold to enable
the LM5034. The UVLO comparator reference voltage is 1.25V. A
switched 20 µA current source provides adjustable UVLO hysteresis.
The UVLO pin voltage also controls the maximum duty cycle as
described in the Functional Description section.
7
VCC1
Start-up regulator output,
Controller 1
Output of the 7.7V high voltage start-up regulator for Controller 1. The
sum of the currents drawn from VCC1 and VCC2 should not exceed
19 mA.
8
OUT1
Main Gate Driver, Controller 1
Gate driver output to the primary side switch for Controller 1. OUT1
swings between VCC1 and GND1 at a frequency equal to half the
oscillator frequency.
9
AC1
Active Clamp Driver, Controller 1
Gate driver output to the active clamp P-channel MOSFET for
Controller 1. The AC1 pulse overlaps the leading and trailing edges of
the OUT1 pulse by an interval set by the OVLP pin resistor. The
overlap produces deadtime between the main switch transistor and the
P-channel active clamp transistor.
10
GND1
Ground, Controller 1
Ground connection for Controller 1 including gate drivers, PWM
controller, soft-start and support functions.
11
GND2
Ground, Controller 2
Ground connection for Controller 2 including gate drivers, PWM
controller and soft-start.
12
AC2
Active Clamp Driver, Controller 2
Gate driver output to the active clamp P-channel MOSFET for
Controller 2. The AC2 pulse overlaps the leading and trailing edges of
the OUT2 pulse by an interval set by the OVLP pin resistor. The
overlap produces deadtime between the main switch transistor and the
P-channel active clamp transistor.
13
OUT2
Main Gate Driver, Controller 2
Gate driver output to the primary side switch for Controller 2. OUT2
swings between VCC2 and GND2 at a frequency equal to half the
oscillator frequency.
14
VCC2
Start-up regulator output,
Controller 2
Output of the 7.7V high voltage start-up regulator for Controller 2. The
sum of the currents drawn from VCC1 and VCC2 should not exceed
19 mA.
15
RES
Hiccup mode restart adjust
An external capacitor sets the time delay before forced restart during a
sustained period of cycle-by-cycle current limiting. The hiccup mode
comparator threshold is 2.55V.
16
SS2
Soft-start, Controller 2
An internal 50 µA current source charges an external capacitor to set
the soft-start rate. During a current limit restart sequence, the internal
current source is reduced to 1µA to increase the delay before retry.
Forcing SS2 below 0.5V shuts off Controller 2.
17
CS2
Current Sense Input, Controller 2
Input for current mode control and the current limit sensing. If the CS2
pin exceeds 0.5V the OUT2 pulse is terminated producing
cycle-by-cycle current limiting. External resistance connected to CS2
will adjust (increase) PWM slope compensation. This pin’s voltage
must not exceed 1.25V.
18
COMP2
PWM Control, Controller 2
The COMP2 input provides voltage feedback to the PWM comparator
inverting input of Controller 2 through a 3:1 divider. The OUT2 duty
cycle increases as the COMP2 voltage increases. An internal 5k
pull-up resistor to +5.0V provides bias current to the opto-coupler
transistor.
19
DCL
Duty Cycle Limit
An external resistor sets the maximum allowed duty cycle at OUT1
and OUT2.
20
RT/SYNC Oscillator Adjust and
Synchronizing input
An external resistor sets the oscillator frequency. This pin also accepts
ac-coupled synchronization pulses from an external source.
www.national.com
3


Similar Part No. - LM5034

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5034 TI1-LM5034 Datasheet
1Mb / 35P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5034 TI-LM5034 Datasheet
1Mb / 36P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5034MTC TI-LM5034MTC Datasheet
1Mb / 36P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5034MTC/NOPB TI-LM5034MTC/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5034MTCX/NOPB TI-LM5034MTCX/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
More results

Similar Description - LM5034

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5034 TI-LM5034_15 Datasheet
1Mb / 36P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5034 TI1-LM5034_14 Datasheet
1Mb / 35P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5032 TI-LM5032_15 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage Dual Interleaved Current Mode Controller
LM5032 TI1-LM5032_14 Datasheet
1Mb / 29P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller
logo
National Semiconductor ...
LM5032 NSC-LM5032 Datasheet
951Kb / 22P
   High Voltage Dual Interleaved Current Mode Controller
logo
Texas Instruments
LM5027 TI1-LM5027 Datasheet
1Mb / 35P
[Old version datasheet]   Voltage Mode Active Clamp Controller
logo
National Semiconductor ...
LM5027 NSC-LM5027 Datasheet
552Kb / 26P
   Voltage Mode Active Clamp Controller
logo
Texas Instruments
LM5027A TI-LM5027A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Voltage Mode Active Clamp Controller
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com