Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2051 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # M2051
Description  SAW PLL FOR 10GBE 64B/66B FEC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2051 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  M2051 Datasheet HTML 1Page - Integrated Circuit Systems M2051 Datasheet HTML 2Page - Integrated Circuit Systems M2051 Datasheet HTML 3Page - Integrated Circuit Systems M2051 Datasheet HTML 4Page - Integrated Circuit Systems M2051 Datasheet HTML 5Page - Integrated Circuit Systems M2051 Datasheet HTML 6Page - Integrated Circuit Systems M2051 Datasheet HTML 7Page - Integrated Circuit Systems M2051 Datasheet HTML 8Page - Integrated Circuit Systems M2051 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
M2050/51/52 Datasheet Rev 1.0
3 of 12
Revised 23Jun2005
Integ r ated Circuit Systems, Inc. ● Communications Modules ● www.ics t.com ● tel (508) 852-5400
M2050/51/52
SAW PLL FOR 10GBE 64B/66B FEC
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
DETAILED BLOCK DIAGRAM
Figure 3: Detailed Block Diagram
DIVIDER SELECTION TABLES
Mfin Divider Look-Up Tables (LUT)
The FIN_SEL1:0 pins select the feedback divider value
(“Mfin”). Since the VCSO frequency is fixed, this allows
input reference selection. The look-up tables vary by
device variant.
M2050/51/52: Mfin Value LUT
Mfec and Rfec Divider Look-Up Tables (LUTs)
The FEC_SEL pins select the Mfec/Rfec divider ratio.
The look-up tables vary by device variant. The Mfec
and Rfec values also establish phase detector
frequency. A lower phase detector frequency improves
jitter tolerance and lowers loop bandwidth.
M2050: Map LUT (10GbE to LAN, 255/238 FEC, or 255/237 FEC)
Phase
Locked
Loop
(PLL)
M2050, 51, 52
SAW Delay Line
Phase
Shifter
VCSO
C
POST
C
POST
VC
nVC
R
POST
nOP_OUT
OP_OUT
R
POST
R
LOOP
R
LOOP
C
LOOP
C
LOOP
OP_IN
nOP_IN
Phase
Detector
Loop Filter
Amplifier
External
Loop Filter
Components
FOUT0
nFOUT0
FEC_SEL1:0
FIN_SEL1:0
Rfec
Div
MUX
0
REF_SEL
DIF_REF0
nDIF_REF0
1
Mfin Divider
LUT
Mfin Divider
(1, 4, 5, 25)
Mfec Div
FOUT1
nFOUT1
P Divider
(1, 4, 5, 25,
or TriState)
P_SEL2:0
NBW
R
IN
R
IN
Mfec/Rfec Divider
LUT
DIF_REF1
nDIF_REF1
LOL
Phase Buildout Option
Hitless Switch Option
P Divider
LUT
FIN_SEL1:0
Mfin
Value
Sample Input Reference Freq. (MHz) Options
For M20501, M2051 & M20522
Note 1: For M2050 with Fvcso = 669.6429
Note 2: For M2051 and M2052 with Fvcso = 625.0000.
00
25
25.00
0 1
5
125.00
1 0
4
156.25
1 1
1
625.00
Table 3: M2050/51/52: Mfin Value LUT
FEC_SEL1:0
1
0
Mfec Rfec
Description
Base Input
Rate (MHz)
Fvcso =
Base Output
Rate (MHz)
For M2050 with Fvcso = 644.5313 (10GbE to 10GbE LAN rate):
0 0
33 32 10GbE to 10GbE LAN
625.0000
644.5313
0 1
33 33 10GbE LAN repeater
644.5313
644.5313
For M2050 with Fvcso = 669.6429 (10GbE to 10GbE 255/238 FEC rate):
1 0
15 14 10GbE to 10GbE 255/238 FEC
625.0000
669.6429
1 1
15 15 10GbE 255/238 FEC repeater
669.6429
669.6429
For M2050 with Fvcso = 690.5692 (10GbE LAN to 10GbE LAN 255/238 FEC):
1 0
15 14
10GbE LAN
to 10GbE LAN
255/238 FEC
644.5313
690.5692
1 1
15 15 10GbE LAN 255/238 FEC repeater 690.5692
690.5692
For M2050 with Fvcso = 693.4830 (10GbE LAN to 10GbE LAN 255/237 FEC):
0 0
85 79
10GbE LAN
to 10GbE LAN
255/237 FEC
644.5313
693.4830
0 1
85 85 10GbE LAN 255/237 FEC repeater 693.4830
693.4830
Table 4: M2050: Map LUT (10GbE to LAN, 255/238 FEC, or 255/237 FEC)


Similar Part No. - M2051

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2052 MTRONPTI-M2052 Datasheet
864Kb / 6P
   5 x 7 mm, 3.0, 3.3 & 3.6 Volt, HCMOS/TTL
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
M2059 MTRONPTI-M2059 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
More results

Similar Description - M2051

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8815A KEYSIGHT-N8815A Datasheet
722Kb / 8P
   Ininiium 64b/66b 10Gbase-KR
logo
Integrated Circuit Syst...
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
   VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
logo
Advantech Co., Ltd.
RTM-5106 ADVANTECH-RTM-5106_15 Datasheet
269Kb / 2P
   Octal 10GbE RTM for MIC-5333
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
logo
Schurter Inc.
FEC SCHURTER-FEC Datasheet
525Kb / 3P
   Caps to Holder FEC
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
   PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
   PLL for DTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com