Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2052 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # M2052
Description  SAW PLL FOR 10GBE 64B/66B FEC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2052 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  M2052 Datasheet HTML 1Page - Integrated Circuit Systems M2052 Datasheet HTML 2Page - Integrated Circuit Systems M2052 Datasheet HTML 3Page - Integrated Circuit Systems M2052 Datasheet HTML 4Page - Integrated Circuit Systems M2052 Datasheet HTML 5Page - Integrated Circuit Systems M2052 Datasheet HTML 6Page - Integrated Circuit Systems M2052 Datasheet HTML 7Page - Integrated Circuit Systems M2052 Datasheet HTML 8Page - Integrated Circuit Systems M2052 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M2050/51/52 Datasheet Rev 1.0
5 of 12
Revised 23Jun2005
Integ r ated Circuit Systems, Inc. ● Communications Modules ● www.ics t.com ● tel (508) 852-5400
M2050/51/52
SAW PLL FOR 10GBE 64B/66B FEC
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
dividers also control the phase detector frequency. The
feedback divider (labeled “Mfin Divider”) provides the
broader division options needed to accomodate various
reference clock frequencies.
For example, the M2051-11-625.0000 (see “Ordering
Information”
on pg. 12) has a 625.00MHz VCSO
frequency:
The de-mapper FEC PLL ratios (in Tables 5 and 6)
enable the M2051-11-625.0000 to accept “base” input
reference frequencies of: 625.00MHz (“10GbE),
644.5313
MHz (“10GbE LAN), and 669.6429MHz
(“10GbE 255/238 FEC
).
The Mfin feedback divider enables the actual input
reference clock to be the base input frequency
divided by 1, 4, 5, or 25. Therefore, for the base input
frequency of 625.00MHz, the actual input reference
clock frequencies can be: 625.00, 156.25, 125.00, and
25.00
MHz. (See Table 3 on pg. 3.)
The M2050/51/52 includes a Loss of Lock (LOL)
indicator, which provides status information to system
management software. A Narrow Bandwidth (NBW)
control pin is provided as an additional mechanism for
adjusting PLL loop bandwidth without affecting the
phase detector frequency.
Options are available for Hitless Switching (HS) with or
without Phase Build-out (PBO). Performance conforms
with SONET/ SDH MTIE and TDEV during a reference
clock reselection.
Allowance for a single-ended input has been facilitated
by a unique input resistor bias scheme, which is
described next and shown in Figure 4.
Input Reference Clocks
Two clock reference inputs and a selection mux are
provided. Either reference clock input can accept a
differential clock signal (such as LVPECL or LVDS) or
a single-ended clock input (LVCMOS or LVTTL on the
non-inverting input).
A single-ended reference clock on the unselected
reference input can cause an increase in output
clock jitter. For this reason, differential reference
inputs are preferred; interference from a differential
input on the non-selected input is minimal.
Configuration of single-ended input has been facilitated
by biasing nDIF_REF0 and nDEF_REF1 to Vcc/2, with 50k
to Vcc and 50k
Ω to ground. The input clock structure,
and how it is used with either LVCMOS/LVTTL inputs or
a DC- coupled LVPECL clock, is shown in Figure 4.
Figure 4: Input Reference Clocks
Differential Inputs
Differential LVPECL inputs are connected to both
reference input pins in the usual manner. The external
load termination resistors shown in Figure 4 (the 127
and 82
Ω resistors) is ideally suited for both AC and DC
coupled LVPECL reference clock lines. These provide
the 50
Ω load termination and the VTT bias voltage.
Single-ended Inputs
Single-ended inputs (LVCMOS or LVTTL) are
connected to the non-inverting reference input pin
(DIF_REF0 or DIF_REF1). The inverting reference input pin
(nDIF_REF0 or nDIF_REF1) must be left unconnected.
In single-ended operation, when the unused inverting
input pin (nDIF_REF0 or nDEF_REF1) is left floating (not
connected), the input will self-bias at VCC/2.
PLL Operation
The M2050/51/52 is a complete clock PLL. It uses a
phase detector and configurable dividers to
synchronize the output of the VCSO with the selected
reference clock.
The PLL will work correctly, meaning it will phase-lock
the VCSO output to the input reference clock, when the
internal phase detector inputs are able to run at the
same frequency. This means the PLL dividers must be
set appropriately and a suitable reference frequency
must be chosen for the intended output frequency.
When the PLL is not set up appropriately, the VCSO is
Key to Device Variants and Look-up Table Options
Device
Variant
Look-up Table Option
Mfin Lookup Table is:
Mfec Look-up Table is:
M2050
Table 3
Table 4 (mapper LUT)
M2051
Table 5 (de-mapper LUT)
M2052
Table 6 (de-mapper LUT)
Table 8: Key to Device Variants and Look-up Table Options
MUX
0
REF_SEL
1
VCC
50k
50k
VCC
50k
50k
LVCMOS/
LVTTL
LVPECL
50k
50k
VCC
82
127
VCC
82
127
X


Similar Part No. - M2052

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2052 MTRONPTI-M2052 Datasheet
864Kb / 6P
   5 x 7 mm, 3.0, 3.3 & 3.6 Volt, HCMOS/TTL
More results

Similar Description - M2052

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8815A KEYSIGHT-N8815A Datasheet
722Kb / 8P
   Ininiium 64b/66b 10Gbase-KR
logo
Integrated Circuit Syst...
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
   VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
logo
Advantech Co., Ltd.
RTM-5106 ADVANTECH-RTM-5106_15 Datasheet
269Kb / 2P
   Octal 10GbE RTM for MIC-5333
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
logo
Schurter Inc.
FEC SCHURTER-FEC Datasheet
525Kb / 3P
   Caps to Holder FEC
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
   PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
   PLL for DTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com