Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB39A102 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB39A102
Description  Evaluation Board
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB39A102 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB39A102 Datasheet HTML 2Page - Fujitsu Component Limited. MB39A102 Datasheet HTML 3Page - Fujitsu Component Limited. MB39A102 Datasheet HTML 4Page - Fujitsu Component Limited. MB39A102 Datasheet HTML 5Page - Fujitsu Component Limited. MB39A102 Datasheet HTML 6Page - Fujitsu Component Limited. MB39A102 Datasheet HTML 7Page - Fujitsu Component Limited. MB39A102 Datasheet HTML 8Page - Fujitsu Component Limited. MB39A102 Datasheet HTML 9Page - Fujitsu Component Limited. MB39A102 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MB39A102
6
s
s
s
s CONNECTION DIAGRAM
++
+
+
++
+
+
++
+
+
++
+
+
+
29
A
a
30
28
27
2
B
b
1
3
4
14
C
c
15
13
12
17
D
d
16
11
8
9
7
10
20
18
19
26
A
B
C
D
6
e
a
b
c
e
d
5
21
22
23
24
25
12
µA
12
µA
12
µA
12
µA
100 k
VREF
1 V
SCP
UVLO
VREF
VR1
bias
Power
ON/OFF
CTL
2.0 V
OSC
1.24 V
1.24 V
1.24 V
1.24 V
VREF
VREF
VREF
VREF
Error
Amp1
PWM
Comp1
IO = 130 mA
at VCCO = 4 V
IO = 130 mA
at VCCO = 4 V
IO = 130 mA
at VCCO = 4 V
IO = 130 mA
at VCCO = 4 V
Error
Amp2
Error
Amp3
Error
Amp4
SCP
Comp
0.9 V
0.4 V
PWM
Comp2
PWM
Comp3
PWM
Comp4
CH1
CH2
CH3
CH4
Pch
Drive1
Pch
Drive2
Pch
Drive3
Nch
Drive4
−INE1
CS1
FB1
DTC1
−INE2
CS2
FB2
DTC2
−INE3
CS3
FB3
DTC3
−INE4
CS4
FB4
DTC4
CSCP
RT
CT
VREF
GND
CTL*
VCC
OUT4
OUT3
OUT2
OUT1
VCCO
R13 R14
R19
R20
R25 R26
R31 R32
R23
R29
R17
R15
R16
R22
R28
R34
R30
R35
R36
R37
R18
R24
C20
C21
C22
C23
C24
C31
C25
C26
C27
C28
C29
C30
R21
R27
R33
R1
R3
R4
R5
R6
0
R9
Q4
P3
D5
D6
R10
R11
R12
C16
C17
L3
C18
C19
P4
D7
Q5
L4
Q1
P1
P2
T1
Q2
L1
XXX
L2
D1
SBS004
D2
D3
D4
C1
C8
C13
C14
C15
C12
XXX
T2
C7
XXX
C9
C4
C5
C6
GND1
GND2
GND3
GND4
C2
R2
C10
C11
VO1
2.5 V
VO2-1
15 V
IO2-1
= 10 mA
VO3-1
15 V
IO3-1
= 10 mA
VO2-3
−7.5 V
IO2-3
= −5 mA
VO3-2
5 V
IO3-2
= 50 mA
VO4
3.3 V
IO4
= 500 mA
VO2-2
5 V
IO2-2
= 50 mA
IO1
= 250 mA
IC GND
SW1
P11
P10
P5
P6
P7
VIN
(2.5 V to 6V)
P8
P12
P9
CS1 OPEN
CS2 OPEN
CS3 OPEN
CS4 OPEN
ON
ON
ON
ON
OFF
OFF
OFF
OFF
OFF
ON
CTL
3.3 k
Ω 12 kΩ
2 k
15 k
0.047
µF
0.1
µF
0
2.4 k
Ω 43 kΩ
2 k
15 k
0.047
µF
0.1
µF
24 k
Ω 43 kΩ
2 k
15 k
0.047
µF
0.1
µF
33 k
20 k
GND
3 k
Ω 22 kΩ
1 k
15 k
0.1
µF
0.1
µF
3.3 k
20 k
30 k
18 k
−INS
24 k
100 pF
0.01
µF
0.1
µF
0
0.1
µF
0
0
MCH3309
0
Ω 22 µH
4.7
µF
SB05-05CP
SB05-05CP
SB05-05CP
MCH3309
SB05-05CP
SB05-05CP
MCH3309
1
µF
2.2
µF
1
µF
2.2
µF
15
µF
1
µF
10
µF
CPH3206
4700 PF
0.1
µF
XXX
XXX
0
C3
XXX
1
µF
2.2
µF
2.2
µF
0
0
2.2
µF
GND0
0
10
µH 4.7 µF
SBS004
0
180
Offset voltage
±10 mV
L priority
L priority
Offset voltage
±10 mV
L priority
L priority
Offset voltage
±10 mV
L priority
L priority
Offset voltage
±10 mV
L priority
L priority
Charge current
1
µA
H
at SCP
H :UVLO
release
ErrorAmp Power
Supply
SCPComp Power
Supply
ErrorAmp Reference
1.24 V
Accuracy
±1%
Using same
transformer
Note : Fixed value of not mounted parts is described
by XXX.
IC is operating, and all channels
are ON state in above diagram.
Accuracy
±10%
1.5 MHz
Correspon-
dence
* : H : ON (Power ON)
L : OFF (At standby)
VTH
= 1.4 V
Short-circuit detection signal
(L : at short)
Accuracy
±1%


Similar Part No. - MB39A102

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MB39A102 MACOM-MB39A102 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Fujitsu Component Limit...
MB39A102 FUJITSU-MB39A102 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Tyco Electronics
MB39A102PFT MACOM-MB39A102PFT Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Fujitsu Component Limit...
MB39A102PFT FUJITSU-MB39A102PFT Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
logo
Tyco Electronics
MB39A102PV3 MACOM-MB39A102PV3 Datasheet
326Kb / 32P
   4-ch DC/DC Converter IC
More results

Similar Description - MB39A102

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
CDB5466U CIRRUS-CDB5466U Datasheet
1Mb / 21P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com