Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3900306 Datasheet(PDF) 9 Page - Vaishali Semiconductor

Part # M3900306
Description  Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

M3900306 Datasheet(HTML) 9 Page - Vaishali Semiconductor

Back Button M3900306 Datasheet HTML 5Page - Vaishali Semiconductor M3900306 Datasheet HTML 6Page - Vaishali Semiconductor M3900306 Datasheet HTML 7Page - Vaishali Semiconductor M3900306 Datasheet HTML 8Page - Vaishali Semiconductor M3900306 Datasheet HTML 9Page - Vaishali Semiconductor M3900306 Datasheet HTML 10Page - Vaishali Semiconductor M3900306 Datasheet HTML 11Page - Vaishali Semiconductor M3900306 Datasheet HTML 12Page - Vaishali Semiconductor M3900306 Datasheet HTML 13Page - Vaishali Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
M39003/01/03/06/09
Vishay Sprague
Solid-Electrolyte TANTALEX® Capacitors,
Military MIL-C-39003 Qualified, Syles CSR13, 21, 23,
33
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40018
9
Revision: 08-Feb-06
STANDARD RATINGS: CSR13, M39003/01-XXXX
CAPACITANCE
(µF)
CASE
CODE
CAP.
TOL.
(± %)
PART NO. M39003/01-
FAILURE RATE LEVEL (%/1000 HOURS)
MAX. DCL (µA) AT
MAX. DF (%) AT
M
1.0
P
0.1
R
0.01
S
0.001
B
0.1
C
0.01
D
0.001
+ 25 °C + 85 °C + 125 °C
- 55 °C
+ 25 °C
+ 85 °C
+ 125 °C
100 WVDC AT + 85 °C, SURGE = 130 V . . . 67 WVDC AT + 125 °C, SURGE = 86 V
3.3
C
10
5157
5357
5557
5757
6390
7390
8390
1.5
30.0
38.0
6
6
3.3
C
20
5158
5358
5558
5758
6391
7391
8391
1.5
30.0
38.0
6
6
3.9
C
5
5159
5359
5559
5759
6392
7392
8392
1.5
30.0
38.0
6
6
3.9
C
10
5160
5360
5560
5760
6393
7393
8393
1.5
30.0
38.0
6
6
4.7
C
5
5161
5361
5561
5761
6394
7394
8394
2.5
50.0
63.0
6
6
4.7
C
10
5162
5362
5562
5762
6395
7395
8395
2.5
50.0
63.0
6
6
4.7
C
20
5163
5363
5563
5763
6396
7396
8396
2.5
50.0
63.0
6
6
5.6
C
5
5164
5364
5564
5764
6397
7397
8397
2.5
50.0
63.0
6
6
5.6
C
10
5165
5365
5565
5765
6398
7398
8398
2.5
50.0
63.0
6
6
6.8
C
5
5166
5366
5566
5766
6399
7399
8399
2.5
50.0
63.0
6
6
6.8
C
10
5167
5367
5567
5767
6400
7400
8400
2.5
50.0
63.0
6
6
6.8
C
20
5168
5368
5568
5768
6401
7401
8401
2.5
50.0
63.0
6
6


Similar Part No. - M3900306

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
M3900301-2295 KEMET-M3900301-2295 Datasheet
73Kb / 1P
   Tantalum, MnO2 Tantalum, Military/High Reliability, T212_CSR13, 47 uF, 10%, 20 V, 1.2 Ohms
M3900301-2356 KEMET-M3900301-2356 Datasheet
73Kb / 1P
   Tantalum, MnO2 Tantalum, Military/High Reliability, T212_CSR13, 1 uF, 10%, 50 V, 8 Ohms
More results

Similar Description - M3900306

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
550D VISHAY-550D_08 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
299D VISHAY-299D Datasheet
132Kb / 8P
   Solid-Electrolyte TANTALEX짰 Capacitors, Tripole Triple-Lead, Resin-Coated
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
logo
Kemet Corporation
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
logo
Vishay Siliconix
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com