Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1507 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB1507
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB1507 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB1507 Datasheet HTML 3Page - Fujitsu Component Limited. MB1507 Datasheet HTML 4Page - Fujitsu Component Limited. MB1507 Datasheet HTML 5Page - Fujitsu Component Limited. MB1507 Datasheet HTML 6Page - Fujitsu Component Limited. MB1507 Datasheet HTML 7Page - Fujitsu Component Limited. MB1507 Datasheet HTML 8Page - Fujitsu Component Limited. MB1507 Datasheet HTML 9Page - Fujitsu Component Limited. MB1507 Datasheet HTML 10Page - Fujitsu Component Limited. MB1507 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MB1507
7
PHASE DETECTOR OUTPUT WAVEFORM (FC=High)
NOTES: Phase difference detection range: –2
π to +2π
Spike appearance depends on charge pump characteristics. Also, the spike is output in order to diminish dead band.
When fr>fp or fr<fp, spike might not appear depending upon charge pump characteristics.
fP
LD
fr
DO
H
fr>fp
fr=fp
fr<fp
fr<fp
fr<fp
L
Z
ANALOG SWITCH
ON/OFF of analog switch is controlled by LE input signal. When the analog switch is ON, internal charge pump output (DO) is connected to BISW pin.
When the analog switch is OFF, BI-SW pin is set to high-impedance state.
H(Changing the divide ratio of internal prescaler)
L(Normal operating mode)
LE
Analog Switch
ON
OFF
When an analog switch is inserted between LP1 and LP2, faster lock up time is achieved to reduce LPF time constant during PLL channel switching.
CHARGE PUMP
LPF-1
LPF-2
VCO
ANALOG SW
(CONTROL SIGNAL LE)
BISW
DO


Similar Part No. - MB1507

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
   Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
MB1500ERW MPD-MB1500ERW Datasheet
589Kb / 4P
   MB1500ERW
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501H FUJITSU-MB1501H Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results

Similar Description - MB1507

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML12210 LANSDALE-ML12210 Datasheet
453Kb / 11P
   Serial Input PLL Frequency Synthesizer
ML12210 LANSDALE-ML12210_08 Datasheet
145Kb / 11P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com