Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3900309 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # M3900309
Description  Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

M3900309 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  M3900309 Datasheet HTML 1Page - Vaishali Semiconductor M3900309 Datasheet HTML 2Page - Vaishali Semiconductor M3900309 Datasheet HTML 3Page - Vaishali Semiconductor M3900309 Datasheet HTML 4Page - Vaishali Semiconductor M3900309 Datasheet HTML 5Page - Vaishali Semiconductor M3900309 Datasheet HTML 6Page - Vaishali Semiconductor M3900309 Datasheet HTML 7Page - Vaishali Semiconductor M3900309 Datasheet HTML 8Page - Vaishali Semiconductor M3900309 Datasheet HTML 9Page - Vaishali Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Document Number: 40018
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 08-Feb-06
2
M39003/01/03/06/09
Solid-Electrolyte TANTALEX® Capacitors,
Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
Vishay Sprague
DIMENSIONS in inches [millimeters]
CASE
CODE
L
± 0.031 [0.79]
D
+ 0.016 [0.41]
- 0.015 [0.38]
M
± 0.002 [0.05]
J
(MAX.)
A
0.286 [7.26]
0.135 [3.43]
0.020 [0.51]
0.422 [10.72]
B
0.474 [12.04]
0.185 [4.70]
0.020 [0.51]
0.610 [15.49]
C
0.686 [17.42]
0.289 [7.34]
0.025 [0.64]
0.822 [20.88]
D
0.786 [19.96]
0.351 [8.92]
0.025 [0.64]
0.922 [23.42]
Notes:
1. The case insulation shall extend 0.015" [0.38 mm] minimum beyond each end. However, when a shrink-fitted insulation is used, it shall lap
over the ends of the capacitor body.
2. A minimum lead length of 1.0" [2.54 mm] for use with tape and reel automatic insertion equipment is available upon request.
3. Failure Rate levels M, P, R and S are inactive for new design. insulation is used, it shall lap over the ends of the capacitor body.
STANDARD RATINGS: CSR13, M39003/01-XXXX
CAPACITANCE
(µF)
CASE
CODE
CAP.
TOL.
(± %)
PART NO. M39003/01-
FAILURE RATE LEVEL (%/1000 HOURS)
MAX. DCL (µA) AT
MAX. DF (%) AT
M
1.0
P
0.1
R
0.01
S
0.001
B
0.1
C
0.01
D
0.001
+ 25 °C + 85 °C + 125 °C
- 55 °C
+ 25 °C
+ 85 °C
+ 125 °C
6 WVDC AT + 85 °C, SURGE = 8 V . . . 4 WVDC AT + 125 °C, SURGE = 5 V
5.6
A
5
5001
5201
5401
5601
6001
7001
8001
0.3
6.0
7.5
4
4
5.6
A
10
2241
2481
2721
2961
6002
7002
8002
0.3
6.0
7.5
4
4
6.8
A
5
5002
5202
5402
5602
6003
7003
8003
0.3
6.0
7.5
6
6
6.8
A
10
2242
2482
2722
2962
6004
7004
8004
0.3
6.0
7.5
6
6
6.8
A
20
2243
2843
2723
2963
6005
7005
8005
0.3
6.0
7.5
6
6
47.0
B
5
5003
5203
5403
5603
6006
7006
8006
1.5
24.0
30.0
6
6
47.0
B
10
2244
2484
2724
2964
6007
7007
8007
1.5
24.0
30.0
6
6
47.0
B
20
2245
2485
2725
2965
6008
7008
8008
1.5
24.0
30.0
6
6
56.0
B
5
5004
5204
5404
5604
6009
7009
8009
1.5
24.0
30.0
6
6
56.0
B
10
2246
2486
2726
2966
6010
7010
8010
1.5
24.0
30.0
6
6
150.0
C
5
5005
5205
5405
5605
6011
7011
8011
4.5
90.0
113.0
8
8
150.0
C
10
2247
2487
2727
2967
6012
7012
8012
4.5
90.0
113.0
8
8
150.0
C
20
2248
2488
2728
2968
6013
7013
8013
4.5
90.0
113.0
8
8
180.0
C
5
5006
5206
5406
5606
6014
7014
8014
5.5
110.0
138.0
8
8
180.0
C
10
2249
2489
2729
2969
6015
7015
8015
5.5
110.0
138.0
8
8
270.0
D
5
5007
5207
5407
5607
6016
7016
8016
6.5
130.0
163.0
8
8
270.0
D
10
2250
2490
2730
2970
6017
7017
8017
6.5
130.0
163.0
8
8
330.0
D
5
5008
5208
5408
5608
6018
7018
8018
7.5
150.0
188.0
8
8
330.0
D
10
2251
2491
2731
2971
6019
7019
8019
7.5
150.0
188.0
8
8
330.0
D
20
2252
2492
2732
2972
6020
7020
8020
7.5
150.0
188.0
8
8
M
0.094 [2.4]
Max.
J
1.500
± .250
[38.10
± 6.35]
L
D
STYLE CSR13
STYLE CSR21
STYLE CSR23
STYLE CSR33


Similar Part No. - M3900309

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
M3900301-2295 KEMET-M3900301-2295 Datasheet
73Kb / 1P
   Tantalum, MnO2 Tantalum, Military/High Reliability, T212_CSR13, 47 uF, 10%, 20 V, 1.2 Ohms
M3900301-2356 KEMET-M3900301-2356 Datasheet
73Kb / 1P
   Tantalum, MnO2 Tantalum, Military/High Reliability, T212_CSR13, 1 uF, 10%, 50 V, 8 Ohms
More results

Similar Description - M3900309

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
550D VISHAY-550D_08 Datasheet
148Kb / 9P
   Solid-Electrolyte TANTALEX짰 Capacitors for High Frequency Power Supplies
Revision: 28-Aug-08
299D VISHAY-299D Datasheet
132Kb / 8P
   Solid-Electrolyte TANTALEX짰 Capacitors, Tripole Triple-Lead, Resin-Coated
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR11 VISHAY-CWR11 Datasheet
147Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Revision 31-Jan-05
logo
Kemet Corporation
T110A105K050AT7200 KEMET-T110A105K050AT7200 Datasheet
1Mb / 26P
   T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
logo
Vishay Siliconix
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com