Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F947A Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB90F947A
Description  16-bit Proprietary Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F947A Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB90F947A Datasheet HTML 2Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 3Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 4Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 5Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 6Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 7Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 8Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 9Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
MB90945 Series
6
(Continued)
*1 : It is setting of Jumper switch SI when Emulation Pod (MB2147) is used.
Please refer to the Emulator hardware manual about details.
*2 : Oscillation time of the oscillator is the time that the amplitude reaches 90%.
*3 : Embedded Algorithm is a trade mark of Advanced Micro Devices Inc.
*4 : Data is based on reliability tests during process qualification (the value for TA
= + 85 °C is calculated via
the Arrenhius formula from data of accelerated measurements at elevated temperature) .
Part Number
Parameter
MB90947A
MB90F946A
MB90F947, MB90F947A
MB90F949, MB90F949A
MB90V390HA
MB90V390HB
Flash
Memory
Supports automatic programming, Embedded
AlgorithmTM*3
Write/Erase/Erase-Suspend/Resume com-
mands
A flag indicating completion of the algorithm
Number of erase cycles : 10,000 times
Data retention time : 20 years*4
Hard-wired reset vector available in order to
point to a fixed boot sector in Flash Memory
(address FFA000H, mode data 00H)
Boot block configuration
Erase can be performed on each block
Block protection with external programming
voltage
Write and erase at Fmax
= 20 MHz


Similar Part No. - MB90F947A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F947A FUJITSU-MB90F947A Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
MB90F947APF FUJITSU-MB90F947APF Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F947A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com