Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS-C54XRD Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BS-C54XRD
Description  SINGLE DIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BS-C54XRD Datasheet(HTML) 1 Page - Yellow Stone Corp

  BS-C54XRD Datasheet HTML 1Page - Yellow Stone Corp BS-C54XRD Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Part No.
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 10mA)
Vf
(v)
Digit Size
Common
Anode
Common
Cathode
Material/Emitted
Color
Peak
Wave
Length
p(nm)
(nm)
Pd
(mw)
If
(mA)
Ifp
(mA)
Typ. Max.
Iv. Typ.
Per.Seg.
(mcd)
Drawing
No.
BS-A561RD
BS-C561RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
0.7
BS-A565RD
BS-C565RD
BS-A565RE
BS-C565RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BS-A562RD
BS-C562RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.5
BS-A563RD
BS-C563RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BS-A564RD
BS-C564RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.5
BS-A566RD
BS-C566RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
6.5
BS-A56DRD
BS-C56DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
7.5
SD-25
BS-A561RD-A
BS-C561RD-A
GaAsP/Red
655
40
80
40
200 1.7
2.0
0.7
BS-A565RD-A
BS-C565RD-A
BS-A565RE-A
BS-C565RE-A
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BS-A562RD-A
BS-C562RD-A
GaP/ Green
568
30
80
30
150 2.2
2.5
3.5
BS-A563RD-A
BS-C563RD-A
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.5
GaAsP/GaP/ Hi-Eff.Red
BS-A564RD-A
BS-C564RD-A
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.5
BS-A566RD-A
BS-C566RD-A
GaAlAs/ SH Super Red
660
20
60
30
150 1.7
2.5
6.5
0.50"
Alpha-Numeric
Displays
BS-A56DRD-A
BS-C56DRD-A
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
7.5
SD-26
BS-A531RD
BS-C531RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
1.0
BS-A535RD
BS-C535RD
BS-A535RE
BS-C535RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BS-A532RD
BS-C532RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.0
BS-A533RD
BS-C533RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A534RD
BS-C534RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.0
BS-A536RD
BS-C536RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
7.0
BS-A53DRD
BS-C53DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
8.0
SD-27
BS-A541RD
BS-C541RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
1.0
BS-A545RD
BS-C545RD
BS-A545RE
BS-C545RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BS-A542RD
BS-C542RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.0
BS-A543RD
BS-C543RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A544RD
BS-C544RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.0
BS-A546RD
BS-C546RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
7.0
0.52"
Single-Digit
BS-A54DRD
BS-C54DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
8.0
SD-28
BS-A511RD
BS-C511RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
1.0
BS-A515RD
BS-C515RD
BS-A515RE
BS-C515RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BS-A512RD
BS-C512RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.0
BS-A513RD
BS-C513RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BS-A514RD
BS-C514RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.0
BS-A516RD
BS-C516RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
7.0
0.56"
Single-Digit
BS-A51DRD
BS-C51DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
8.0
SD-29
BF-A511RD
BF-C511RD
GaAsP/Red
655
40
80
40
200 1.7
2.0
1.0
BF-A515RD
BF-C515RD
BF-A515RE
BF-C515RE
GaP/ Bright Red
700
90
40
15
50
2.2
2.5
1.5
BF-A512RD
BF-C512RD
GaP/ Green
568
30
80
30
150 2.2
2.5
3.0
BF-A513RD
BF-C513RD
GaAsP/GaP/ Yellow
585
35
80
30
150 2.1
2.5
2.0
GaAsP/GaP/ Hi-Eff.Red
BF-A514RD
BF-C514RD
GaAsP/GaP/ Orange
635
45
80
30
150 2.0
2.5
3.0
BF-A516RD
BF-C516RD
GaAlAs/ SH Super Red
660
20
80
30
150 1.7
2.5
7.0
0.56"
Overflow
Single-Digit
BF-A51DRD
BF-C51DRD
GaAlAs/ DH Super Red
660
20
80
30
150 1.7
2.5
8.0
SD-30
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-C54XRD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-C545RD BRIGHT-BS-C545RD Datasheet
161Kb / 3P
   13.2mm(0.52) high single digit segments display
BS-C546RD BRIGHT-BS-C546RD Datasheet
150Kb / 3P
   13.2mm(0.52) high single digit segments display
More results

Similar Description - BS-C54XRD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BS-AD11RD ETC-BS-AD11RD Datasheet
127Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AE11RD-A ETC-BS-AE11RD-A Datasheet
139Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BS-AD41 ETC-BS-AD41 Datasheet
121Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AE01RD YSTONE-BS-AE01RD Datasheet
130Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
logo
Yellow Stone Corp
BS-AG21 YSTONE-BS-AG21 Datasheet
137Kb / 1P
   SINGLE DIGIT LED DISPLAYS
BF-A321RD YSTONE-BF-A321RD Datasheet
187Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-AB31RD YSTONE-BS-AB31RD Datasheet
269Kb / 2P
   SINGLE DIGIT LED DISPLAYS
logo
List of Unclassifed Man...
BS-A411RD ETC-BS-A411RD Datasheet
183Kb / 2P
   SINGLE DIGIT LED DISPLAYS
BS-A831RD ETC1-BS-A831RD Datasheet
260Kb / 2P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com