Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2555BML-1 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2555BML-1
Description  USB - OTG Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2555BML-1 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2555BML-1 Datasheet HTML 3Page - Micrel Semiconductor MIC2555BML-1 Datasheet HTML 4Page - Micrel Semiconductor MIC2555BML-1 Datasheet HTML 5Page - Micrel Semiconductor MIC2555BML-1 Datasheet HTML 6Page - Micrel Semiconductor MIC2555BML-1 Datasheet HTML 7Page - Micrel Semiconductor MIC2555BML-1 Datasheet HTML 8Page - Micrel Semiconductor MIC2555BML-1 Datasheet HTML 9Page - Micrel Semiconductor MIC2555BML-1 Datasheet HTML 10Page - Micrel Semiconductor MIC2555BML-1 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Micrel, Inc.
MIC2555
June 2005
7
M9999-060805
(408) 955-1690
Symbol
Parameter
Condition
Min
Typ
Max
Units
Transceiver DC Characteristics -
D+, D-
VDI
Differential Input Sensitivity
|(D+) – (D-)|, VIN = 0.8V – 2.5V
0.2
V
VCM
Differential Common-Mode
Range
Includes VDI Range
0.8
2.5
V
VTH_SE
Single-Ended Receiver
Threshold
0.8
1.5
2.0
V
VHYS
Receiver Hysteresis
D+, D-
200
mV
VOL
LOW-Level Output Voltage
OE_INT/ = 0, RL = 1.5kΩ to 3.6V
0.1
0.3
V
VOH
HIGH-Level Output Voltage
OE_INT/ = 0, ISOURCE = 1mA
2.8
3.3
3.6
V
RDRV
Transceiver Output
Resistance
D+, D-
5
12
24
Active
1.425
2.25
3.09
kΩ
RPU_D
Internal Pull-Up Resistor on
D+ and D-
VTRM to D+ or D-
Idle
0.900
1.24
1.575
kΩ
RPD_D
Internal Pull-Down Resistor or
D+ and D-
D+ to GND, D- to GND
14.3
19.5
24.8
kΩ
CIN_D
Transceiver Input
Capacitance
D+, D- pins to GND
See Note 4
20
pF
VTHL_INT_HI
Interrupt Detector Threshold
HIGH
2.5
3.0
3.3
V
VTHL_INT_LO
Interrupt Detector Threshold
LOW
0.3
0.5
0.7
V
Transceiver AC Characteristics -
D+, D-
VC2C
Channel-to-Channel Isolation
between D+, D- and ID pins
(in audio mode)
DC bias (pin to GND) = 0.4V
AC signal = 600mVp-p
Freq. = 2kHz
See Note 4
-60
dB
ZOUT_3S_D
High-Z State Output
Impedance
0V < VD < 3.6V, f = 2kHz OE_INT/ = 1
Measured at D+, D- pins, with respect to
GND
See Note 4
300
kΩ
Data Rate
FI2C
I
2C signaling rate
VBAT = 3.6V
100
400
kbps
VBAT = 3.0V
100
200
kbps
Driver Characteristics - Full Speed
TAMB = 25°C
tR_FS
tF_FS
Transition Time:
Rise Time
Fall Time
CL = 50pF to 125pF
See Note 4
4
4
12.5
12.5
20
20
ns
ns
tR / tF
Rise/Fall Time Matching
(TR/ TF)
90
111.11
%
VCRS
Output Signal Crossover
Voltage
1.3
2.0
V
tPLH
tPHL
Propagation delay
LOW to HIGH
HIGH to LOW
See Note 4
18
18
ns
ns


Similar Part No. - MIC2555BML-1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-0BML MICREL-MIC2555-0BML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-0YML MICREL-MIC2555-0YML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-1BML MICREL-MIC2555-1BML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-1YML MICREL-MIC2555-1YML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
More results

Similar Description - MIC2555BML-1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555_06 Datasheet
277Kb / 29P
   USB ??OTG Transceiver
logo
STMicroelectronics
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
   USB-OTG Full-speed Transceiver
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
   USB-OTG Full-speed Transceiver
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Texas Instruments
BQ24187 TI1-BQ24187 Datasheet
3Mb / 44P
[Old version datasheet]   1A USB-OTG Support
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
logo
ON Semiconductor
ESD7383 ONSEMI-ESD7383 Datasheet
213Kb / 6P
   USB-OTG 3-Line Protection
September, 2011 ??Rev. 0
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
   USB OTG 5V Charge Pump
logo
STMicroelectronics
UM0212 STMICROELECTRONICS-UM0212 Datasheet
264Kb / 13P
   STOTG04 USB OTG full-speed
logo
Texas Instruments
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com