Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2555YML-1 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2555YML-1
Description  USB - OTG Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2555YML-1 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2555YML-1 Datasheet HTML 4Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 5Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 6Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 7Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 8Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 9Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 10Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 11Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Micrel, Inc.
MIC2555
June 2005
8
M9999-060805
(408) 955-1690
Symbol
Parameter
Condition
Min
Typ
Max
Units
TPDZ
Driver Disable to Tri-State
delay
(Full or Low Speed)
HIGH to OFF
LOW to OFF
See Note 4
15
15
ns
ns
TPZD
Driver Tri-State to Enable
delay
(Full or Low Speed)
OFF to HIGH
OFF to LOW
See Note 4
15
15
ns
ns
Driver Characteristics - Low Speed
TAMB = 25°C
tR_LS
tF_LS
Transition Time:
Rise Time
Fall Time
CL = 350pF
See Note 4
75
75
245
265
300
300
ns
ns
tR / tF
Rise/Fall Time Matching
(TR / TF)
80
125
%
VCRS
Output Signal Crossover
Voltage
1.3
2.0
V
Receiver Characteristics - Full Speed / Low Speed
Differential Receiver
tP_LH
tP_HL
Propagation delay
LOW to HIGH
HIGH to LOW
See Note 4
15
15
ns
ns
Single-Ended Receivers
tP_LH
tP_HL
Propagation delay
LOW to HIGH
HIGH to LOW
See Note 4
18
18
ns
ns
ESD
(3)
VESD
Electro Static Discharge
Voltage
D+, D-, ID, and VBUS to GND
Human Body Model
±15
kV
VESD
Electro Static Discharge
Voltage
All pins Human Body Model
±2
kV
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating range.
3. Specifications are for packaged product only.
4. Parameters are guaranteed by design. They are not production tested.


Similar Part No. - MIC2555YML-1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-0BML MICREL-MIC2555-0BML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-0YML MICREL-MIC2555-0YML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-1BML MICREL-MIC2555-1BML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-1YML MICREL-MIC2555-1YML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
More results

Similar Description - MIC2555YML-1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555_06 Datasheet
277Kb / 29P
   USB ??OTG Transceiver
logo
STMicroelectronics
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
   USB-OTG Full-speed Transceiver
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
   USB-OTG Full-speed Transceiver
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Texas Instruments
BQ24187 TI1-BQ24187 Datasheet
3Mb / 44P
[Old version datasheet]   1A USB-OTG Support
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
logo
ON Semiconductor
ESD7383 ONSEMI-ESD7383 Datasheet
213Kb / 6P
   USB-OTG 3-Line Protection
September, 2011 ??Rev. 0
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
   USB OTG 5V Charge Pump
logo
STMicroelectronics
UM0212 STMICROELECTRONICS-UM0212 Datasheet
264Kb / 13P
   STOTG04 USB OTG full-speed
logo
Texas Instruments
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com