Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HC74J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC74J
Description  Dual D Flip-Flop with Preset and Clear
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC74J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC74J Datasheet HTML 1Page - National Semiconductor (TI) MM74HC74J Datasheet HTML 2Page - National Semiconductor (TI) MM74HC74J Datasheet HTML 3Page - National Semiconductor (TI) MM74HC74J Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5106
January 1988
MM54HC74AMM74HC74A
Dual D Flip-Flop with Preset and Clear
General Description
The MM54HC74AMM74HC74A utilizes advanced silicon-
gate CMOS technology to achieve operating speeds similar
to the equivalent LS-TTL part It possesses the high noise
immunity and low power consumption of standard CMOS
integrated circuits along with the ability to drive 10 LS-TTL
loads
This flip-flop has independent data preset clear and clock
inputs and Q and Q outputs The logic level present at the
data input is transferred to the output during the positive-go-
ing transition of the clock pulse Preset and clear are inde-
pendent of the clock and accomplished by a low level at the
appropriate input
The 54HC74HC logic family is functionally and pinout com-
patible with the standard 54LS74LS logic family All inputs
are protected from damage due to static discharge by inter-
nal diode clamps to VCC and ground
Features
Y
Typical propagation delay 20 ns
Y
Wide power supply range 2 – 6V
Y
Low quiescent current 40 mA maximum (74HC Series)
Y
Low input current 1 mA maximum
Y
Fanout of 10 LS-TTL loads
Connection and Logic Diagrams
Dual-In-Line Package
TLF5106 – 1
Order Number MM54HC74A or MM74HC74A
Truth Table
Inputs
Outputs
PR
CLR
CLK
D
Q
Q
LH
X
X
H
L
HL
X
X
L
H
LL
X
X
H
H
HH
u
HH
L
HH
u
LL
H
H
H
L
X
Q0
Q0
Note
Q0ethe level of Q before the indicated input condi-
tions were established
This configuration is nonstable that is it will not persist
when preset and clear inputs return to their inactive (high)
level
TLF5106 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74HC74J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC74A FAIRCHILD-MM74HC74A Datasheet
87Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
MM74HC74A ONSEMI-MM74HC74A Datasheet
382Kb / 11P
   Dual D-Type Flip-Flop with Preset and Clear
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC74AM FAIRCHILD-MM74HC74AM Datasheet
87Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HC74AM FAIRCHILD-MM74HC74AM Datasheet
392Kb / 11P
   Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
MM74HC74AM ONSEMI-MM74HC74AM Datasheet
382Kb / 11P
   Dual D-Type Flip-Flop with Preset and Clear
February 2008 Rev. 1.3.0
More results

Similar Description - MM74HC74J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com