Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSR15TW1T2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSR15TW1T2
Description  Triple RF Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR15TW1T2 Datasheet(HTML) 2 Page - ON Semiconductor

  NSR15TW1T2 Datasheet HTML 1Page - ON Semiconductor NSR15TW1T2 Datasheet HTML 2Page - ON Semiconductor NSR15TW1T2 Datasheet HTML 3Page - ON Semiconductor NSR15TW1T2 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NSR15TW1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Breakdown Voltage (IR = 10 mA)
VBR
15
20
V
Reverse Leakage (VR = 1 V)
IR
2
50
nA
Forward Voltage (IF = 1 mA)
VF1
390
415
mV
Forward Voltage (IF = 10 mA)
VF2
530
680
mV
Delta VF (IF = 1 mA, All Diodes)
DVF
1
15
mV
Capacitance (VF = 0 V, f = 1 MHz)
CT
0.8
1
pF
Figure 1. Forward Current versus Forward
Voltage at Temperatures
VF, FORWARD VOLTAGE (V)
100
10
1
0.1
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Figure 2. Reverse Current versus Reverse
Voltage
VR, REVERSE VOLTAGE (V)
15
10
5
0
10 k
1 k
100
10
1
0.01
100 k
Figure 3. Total Capacitance versus Reverse
Voltage
VR, REVERSE VOLTAGE (V)
1
0.9
0.7
0.6
8
6
5
4
3
2
1
0
Figure 4. Dynamic Resistance versus Forward
Current
IF, FORWARD CURRENT (mA)
100
10
1
0.1
100
10
1
0.5
1000
7
0.8
125
°C
–25
°C
75
°C
25
°C
125
°C
75
°C
25
°C


Similar Part No. - NSR15TW1T2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR15304NXT5G ONSEMI-NSR15304NXT5G Datasheet
63Kb / 5P
   1.5 A, 30 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
NSR15405NXT5G ONSEMI-NSR15405NXT5G Datasheet
62Kb / 5P
   1.5 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15406NXT5G ONSEMI-NSR15406NXT5G Datasheet
62Kb / 5P
   1.5 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15ADXV6T1 ONSEMI-NSR15ADXV6T1 Datasheet
43Kb / 4P
   Dual RF Schottky Diode
June, 2004 ??Rev. 3
NSR15ADXV6T5 ONSEMI-NSR15ADXV6T5 Datasheet
43Kb / 4P
   Dual RF Schottky Diode
June, 2004 ??Rev. 3
More results

Similar Description - NSR15TW1T2

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAT754L KEXIN-BAT754L Datasheet
37Kb / 1P
   Schottky Barrier Triple Diode
logo
NXP Semiconductors
1PS88SB82 PHILIPS-1PS88SB82 Datasheet
58Kb / 8P
   Schottky barrier triple diode
2001 Feb 16
logo
Nexperia B.V. All right...
BAT54VY-Q NEXPERIA-BAT54VY-Q Datasheet
197Kb / 8P
   Schottky barrier triple diode
20 April 2023
logo
NXP Semiconductors
BAT754L PHILIPS-BAT754L Datasheet
53Kb / 8P
   Schottky barrier triple diode
2001 Jan 18
BAT754L NXP-BAT754L Datasheet
190Kb / 7P
   Schottky barrier triple diode
2001 Jan 18
logo
Nexperia B.V. All right...
BAT754L NEXPERIA-BAT754L Datasheet
1Mb / 9P
   Schottky barrier triple diode
22 November 2012
BAS70VY-Q NEXPERIA-BAS70VY-Q Datasheet
209Kb / 8P
   General-purpose triple Schottky diode
20 April 2023
BAS40VY-Q NEXPERIA-BAS40VY-Q Datasheet
200Kb / 8P
   General-purpose triple Schottky diode
20 April 2023
BAS70VY NEXPERIA-BAS70VY Datasheet
209Kb / 8P
   General-purpose triple Schottky diode
20 April 2023
BAS40VY NEXPERIA-BAS40VY Datasheet
199Kb / 8P
   General-purpose triple Schottky diode
20 April 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com