Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORD228VL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ORD228VL
Description  General Purpose Miniature (Medium-level Load 100 V Max.)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ORD228VL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ORD228VL Datasheet HTML 1Page - List of Unclassifed Manufacturers ORD228VL Datasheet HTML 2Page - List of Unclassifed Manufacturers ORD228VL Datasheet HTML 3Page - List of Unclassifed Manufacturers ORD228VL Datasheet HTML 4Page - List of Unclassifed Manufacturers ORD228VL Datasheet HTML 5Page - List of Unclassifed Manufacturers ORD228VL Datasheet HTML 6Page - List of Unclassifed Manufacturers ORD228VL Datasheet HTML 7Page - List of Unclassifed Manufacturers ORD228VL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ORD228VL
OPERATING CHARACTERISTICS
(1) Operate time
(2) Bounce time
(3) Release time
(4) Resonant frequency
ms
0.5
0.4
0.3
0.2
0.1
0
10
20
30
40
50
AT
Pull-in
(25 Hz : 100 AT energized)
10
20
30
40
50
AT
Drop-out
15
10
5
0
(25 Hz : 100 AT energized)
ms
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
4500
5000
5500
Resonant frequency
Hz
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
0.4
Bounce time
0.1
0.2
0.3
ms
(25 Hz : 100 AT energized)
0
Parameter
Operate Time
Bounce Time
Release Time
Resonant Frequency
Maximum Operating Frequency
Rated Value
Min.
Typ.
Max.
Unit
4600
5000
0.4
0.3
0.05
5400
500
ms
ms
ms
Hz
Hz


Similar Part No. - ORD228VL

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
ORD228VL MEDER-ORD228VL Datasheet
86Kb / 8P
   REED SWITCH
logo
OKI electronic componet...
ORD228VL OKI-ORD228VL Datasheet
86Kb / 8P
   REED SWITCH
More results

Similar Description - ORD228VL

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4104 DBLECTRO-HG4104 Datasheet
144Kb / 4P
   Miniature General Purpose Relay
logo
Cystech Electonics Corp...
ZD4694SH CYSTEKEC-ZD4694SH Datasheet
277Kb / 8P
   General purpose, medium current
ZD4712BSH CYSTEKEC-ZD4712BSH Datasheet
277Kb / 8P
   General purpose, medium current
ZD4715BSH CYSTEKEC-ZD4715BSH Datasheet
277Kb / 8P
   General purpose, medium current
ZD4716BSH CYSTEKEC-ZD4716BSH Datasheet
277Kb / 8P
   General purpose, medium current
ZD4705BSH CYSTEKEC-ZD4705BSH Datasheet
277Kb / 8P
   General purpose, medium current
ZD4713BSH CYSTEKEC-ZD4713BSH Datasheet
277Kb / 8P
   General purpose, medium current
ZD4686SH CYSTEKEC-ZD4686SH Datasheet
277Kb / 8P
   General purpose, medium current
ZD4714BSH CYSTEKEC-ZD4714BSH Datasheet
277Kb / 8P
   General purpose, medium current
logo
DB Lectro Inc
HG4104L DBLECTRO-HG4104L Datasheet
133Kb / 4P
   Miniature General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com