Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL16R4 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # PAL16R4
Description  20-Pin TTL Programmable Array Logic
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PAL16R4 Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button PAL16R4 Datasheet HTML 2Page - Advanced Micro Devices PAL16R4 Datasheet HTML 3Page - Advanced Micro Devices PAL16R4 Datasheet HTML 4Page - Advanced Micro Devices PAL16R4 Datasheet HTML 5Page - Advanced Micro Devices PAL16R4 Datasheet HTML 6Page - Advanced Micro Devices PAL16R4 Datasheet HTML 7Page - Advanced Micro Devices PAL16R4 Datasheet HTML 8Page - Advanced Micro Devices PAL16R4 Datasheet HTML 9Page - Advanced Micro Devices PAL16R4 Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AMD
2-8
PAL16R8/B/B-2/A/B-4 (Com’l)
ORDERING INFORMATION
Commercial Products (MMI Marking Only)
h.
PACKAGE TYPE
N
= 20-Pin Plastic DIP
(PD 020)
NL = 20-Pin Plastic Leaded
Chip Carrier (PL 020)
J
= 20-Pin Ceramic DIP
(CD 020)
AMD programmable logic products for commercial applications are available with several ordering options. The order number
(Valid Combination) is formed by a combination of:
PAL16L8
Valid Combinations
Valid Combinations
Valid Combinations lists configurations planned
to be supported in volume for this device. Consult
the local AMD sales office to confirm availability of
specific valid combinations and to check on newly
released combinations.
Note: Marked with MMI logo.
PAL
16
R 8 B
C
N
PAL16R8
PAL16R6
PAL16R4
a.
FAMILY TYPE
PAL = Programmable Array Logic
b.
NUMBER OF
ARRAY INPUTS
c.
OUTPUT TYPE
R = Registered
L = Active-Low Combinatorial
d.
NUMBER OF OUTPUTS
SPEED
B = Very High Speed (15 ns–35 ns tPD)
A = High Speed (25 ns–35 ns tPD)
g.
OPERATING CONDITIONS
C
= Commercial (0
°C to +75°C)
i.
OPTIONAL PROCESSING
Blank = Standard Processing
-2
f.
POWER
Blank = Full Power (155 mA–180 mA ICC)
-2
= Half Power (80 mA–90 mA ICC)
-4
= Quarter Power (55 mA ICC)
CN, CNL, CJ
B, B-2, A,
B-4


Similar Part No. - PAL16R4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PAL16R4 TI-PAL16R4 Datasheet
357Kb / 18P
[Old version datasheet]   STANDARD HIGH-SPEED PAL CIRCUITS
logo
Advanced Micro Devices
PAL16R4 AMD-PAL16R4 Datasheet
1Mb / 33P
   20-PIN TTL PROGRAMMABLE ARRAY LOGIC
logo
National Semiconductor ...
PAL16R4 NSC-PAL16R4 Datasheet
448Kb / 14P
   Progammable Array Logic Series 24 (PAL Series 24)
logo
Texas Instruments
PAL16R4 TI-PAL16R4 Datasheet
645Kb / 27P
[Old version datasheet]   LOW-POWER HIGH-PERFORMANCE IMPACT
logo
National Semiconductor ...
PAL16R4A NSC-PAL16R4A Datasheet
448Kb / 14P
   Progammable Array Logic Series 24 (PAL Series 24)
More results

Similar Description - PAL16R4

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
PAL16R8 AMD-PAL16R8 Datasheet
1Mb / 33P
   20-PIN TTL PROGRAMMABLE ARRAY LOGIC
PAL20R AMD-PAL20R Datasheet
1Mb / 27P
   24-Pin TTL Programmable Array Logic
PAL20X10A AMD-PAL20X10A Datasheet
1Mb / 23P
   PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
PLS167-33 AMD-PLS167-33 Datasheet
1,020Kb / 19P
   24-PIN TTL/CMOS PROGRAMMABLE LOGIC SEQUENCERS
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
logo
Lattice Semiconductor
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com