Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA3270-M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3270-M
Description  Silicon planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3270-M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3270-M Datasheet HTML 1Page - Panasonic Semiconductor MA3270-M Datasheet HTML 2Page - Panasonic Semiconductor MA3270-M Datasheet HTML 3Page - Panasonic Semiconductor MA3270-M Datasheet HTML 4Page - Panasonic Semiconductor MA3270-M Datasheet HTML 5Page - Panasonic Semiconductor MA3270-M Datasheet HTML 6Page - Panasonic Semiconductor MA3270-M Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
394
Zener Diodes
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.8
0.9
V
Zener voltage*
2
VZ
IZ ·················· Specified value
V
Operating resistance
RZK
IZ ·················· Specified value
RZ
IZ ·················· Specified value
Reverse current
IR1
VR ··············· Specified value
µA
IR2
VR ··············· Specified value
µA
Temperature coefficient of zener voltage*
3
SZ
IZ ·················· Specified value
mV/
°C
Terminal capacitance
Ct
VR ··············· Specified value
pF
MAZ3000 Series (MA3000 Series)
Silicon planar type
For stabilization of power supply
I Features
• Mini type package (3-pin)
• Allowing to achieve a high-density set
• Sharp rising performance
• Wide voltage range: V
Z = 2.0 V to 36 V
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Average forward current
IF(AV)
100
mA
Instanious forward current
IFRM
200
mA
Total power dissipation*
1
Ptot
200
mW
Non-repetitive reverse surge
PZSM
15
W
power dissipation*
2
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
JEDEC : TO-236
EIAJ : SC-59
Mini3-G1 Package
Note) *1 : With a printed-circuit board
*2 : t = 100
µs, T
j = 150
°C
Marking Symbol
Refer to the list of the electrical
characteristics within part numbers
(Example) MAZ3020:
2.0
MAZ3082-H: 8.2H
Note) L/M/H marked products will be sup-
plied unless other wise specified
Internal Connection
I Common Electrical Characteristics T
a = 25°C
*1
Note) 1
.Rated input/output frequency: 5 MHz
2
.*1 : The VZ value is for the temperature of 25°C. In other cases, carry out the temperature compensation.
*2 : Guaranteed at 20 ms after power application.
*3 : Tj = 25°C to 150°C
Refer to the list of the
electrical characteristics
within part numbers
1 : Anode
2 : NC
2 : Cathode
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10
°
1
2
3
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - MA3270-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA3279-101 ETC1-MA3279-101 Datasheet
3Mb / 16P
   HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
MA3279-102 ETC1-MA3279-102 Datasheet
3Mb / 16P
   HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
MA3279-104 ETC1-MA3279-104 Datasheet
3Mb / 16P
   HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
MA3279-105 ETC1-MA3279-105 Datasheet
3Mb / 16P
   HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
MA3279-106 ETC1-MA3279-106 Datasheet
3Mb / 16P
   HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
More results

Similar Description - MA3270-M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com