Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN4222 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UN4222
Description  Silicon NPN epitaxial planer transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN4222 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UN4222 Datasheet HTML 1Page - Panasonic Semiconductor UN4222 Datasheet HTML 2Page - Panasonic Semiconductor UN4222 Datasheet HTML 3Page - Panasonic Semiconductor UN4222 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Transistors with built-in Resistor
UN4221/4222/4223/4224
Silicon NPN epitaxial planer transistor
For digital circuits
s Features
q
Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
q
New S type package, allowing supply with the radial taping.
s Resistance by Part Number
(R1)(R2)
q
UN4221
2.2k
2.2k
q
UN4222
4.7k
4.7k
q
UN4223
10k
10k
q
UN4224
2.2k
10k
s Absolute Maximum Ratings (Ta=25˚C)
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
50
V
Collector to emitter voltage
VCEO
50
V
Collector current
IC
500
mA
Total power dissipation
PT
300
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
B
C
R1
R2
E
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector cutoff current
ICBO
VCB = 50V, IE = 0
1
µA
ICEO
VCE = 50V, IB = 0
1
µA
UN4221
5
UN4222
IEBO
VEB = 6V, IC = 0
2
mA
UN4223/4224
1
Collector to base voltage
VCBO
IC = 10µA, IE = 0
50
V
Collector to emitter voltage
VCEO
IC = 2mA, IB = 0
50
V
UN4221
40
UN4222
hFE
VCE = 10V, IC = 100mA
50
UN4223/4224
60
Collector to emitter saturation voltage
VCE(sat)
IC = 100mA, IB = 5mA
0.25
V
Output voltage high level
VOH
VCC = 5V, VB = 0.5V, RL = 500Ω
4.9
V
Output voltage low level
VOL
VCC = 5V, VB = 3.5V, RL = 500Ω
0.2
V
UN4221/4224
2.2
UN4222
R1
(–30%)
4.7
(+30%)
k
UN4223
10
Resistance ratio
R1/R2
0.8
1.0
1.2
UN4224
0.17
0.22
0.27
Emitter
cutoff
current
Forward
current
transfer
ratio
Input
resis-
tance
1 : Emitter
2 : Collector
3 : Base
New S Type Package
Unit: mm
4.0
±0.2
marking
2.54
±0.15
1.27
1.27
123


Similar Part No. - UN4222

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN4210 PANASONIC-UN4210 Datasheet
178Kb / 13P
   Silicon NPN epitaxial planer transistor
UN4211 PANASONIC-UN4211 Datasheet
178Kb / 13P
   Silicon NPN epitaxial planer transistor
UN4212 PANASONIC-UN4212 Datasheet
178Kb / 13P
   Silicon NPN epitaxial planer transistor
UN4213 PANASONIC-UN4213 Datasheet
178Kb / 13P
   Silicon NPN epitaxial planer transistor
UN4214 PANASONIC-UN4214 Datasheet
178Kb / 13P
   Silicon NPN epitaxial planer transistor
More results

Similar Description - UN4222

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com