|
| UN6111 |
|
||
|
PANASONIC |
|
6 page
6 Transistors with built-in Resistor UN6111/6112/6113/6114/6115/6116/6117/ 6118/6119/6110/611D/611E/611F/611H/611L Characteristics charts of UN6115 IC — VCE VCE(sat) — IC hFE — IC Cob — VCB IO — VIN VIN — IO Characteristics charts of UN6116 IC — VCE VCE(sat) — IC hFE — IC 0 0 –12 – 2 –10 –4 –8 –6 –40 –120 –80 –160 –140 –100 –60 –20 Collector to emitter voltage VCE (V) Ta=25˚C IB= –1.0mA – 0.9mA – 0.8mA – 0.7mA – 0.6mA – 0.5mA – 0.4mA – 0.3mA – 0.2mA – 0.1mA –0.01 –0.03 – 0.1 – 0.3 – 0.1 – 0.3 –1 –3 –10 –30 –100 –1 – 3 –10 – 30 –100 Collector current IC (mA) IC/IB=10 Ta=75˚C 25˚C – 25˚C 0 –1 – 3 100 200 300 400 –10 – 30 –100 – 300 –1000 Collector current IC (mA) VCE= –10V Ta=75˚C 25˚C – 25˚C 0 – 0.1 – 0.3 6 5 4 3 2 1 –1 – 3 –10 – 30 –100 Collector to base voltage VCB (V) f=1MHz IE=0 Ta=25˚C –1 –3 –0.4 –10 –30 –100 –300 –1000 –3000 –10000 –1.4 –1.2 –1.0 –0.8 –0.6 Input voltage VIN (V) VO=–5V Ta=25˚C – 0.01 – 0.03 –0.1 –0.3 – 0.1 – 0.3 –1 –3 –10 –30 –100 –1 – 3 –10 – 30 –100 Output current IO (mA) VO= – 0.2V Ta=25˚C 0 0 –12 – 2 –10 –4 –8 –6 –40 –120 –80 –160 –140 –100 –60 –20 Collector to emitter voltage VCE (V) Ta=25˚C IB= –1.0mA – 0.9mA – 0.8mA – 0.7mA – 0.6mA – 0.5mA – 0.4mA – 0.3mA – 0.2mA – 0.1mA –0.01 –0.03 – 0.1 – 0.3 – 0.1 – 0.3 –1 –3 –10 –30 –100 –1 – 3 –10 – 30 –100 Collector current IC (mA) IC/IB=10 Ta=75˚C 25˚C – 25˚C 0 –1 – 3 100 200 300 400 –10 – 30 –100 – 300 –1000 Collector current IC (mA) VCE=–10V Ta=75˚C 25˚C – 25˚C |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UN6121 | Silicon PNP epitaxial planer transistor | 1 2 3 4 5 More | Panasonic Semiconductor |
| XN1116 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| XN1401 | Silicon PNP epitaxial planer transistor | 1 2 3 | Panasonic Semiconductor |
| XN6115 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| XP0111M | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| XP1116 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| XN1117 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| XN4111 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| XN6116 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
| XP1117 | Silicon PNP epitaxial planer transistor | 1 2 | Panasonic Semiconductor |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |