Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD667A66R Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HD667A66R
Description  132 x 176-dot Graphics LCD Controller/Driver for 65K Colors
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD667A66R Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HD667A66R Datasheet HTML 6Page - Hitachi Semiconductor HD667A66R Datasheet HTML 7Page - Hitachi Semiconductor HD667A66R Datasheet HTML 8Page - Hitachi Semiconductor HD667A66R Datasheet HTML 9Page - Hitachi Semiconductor HD667A66R Datasheet HTML 10Page - Hitachi Semiconductor HD667A66R Datasheet HTML 11Page - Hitachi Semiconductor HD667A66R Datasheet HTML 12Page - Hitachi Semiconductor HD667A66R Datasheet HTML 13Page - Hitachi Semiconductor HD667A66R Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
HD66766R
Rev. 1.0-1 / September 2002
10
Pin Functions
Table 4
Pin Functional Description
Signals
Number of
Pins
I/O
Connected to
Functions
IM2-1,
IM0/ID
3
I
GND or V
CC
Selects the MPU interface mode:
IM2
IM1
IM0/ID0
MPU Interface mode
GND
GND
GND
68 system 16-bit bus interface
GND
GND
Vcc
68 system
8-bit bus interface
GND
Vcc
GND
80 system 16-bit bus interface
GND
Vcc
Vcc
80 system
8-bit bus interface
Vcc
GND
ID
Clock synchronized serial interface
When a serial interface is selected, the IM0 pin is used as
the ID setting for a device code.
CS*
1
I
MPU
Selects the HD66766R:
Low: HD66766R is selected and can be accessed
High: HD66766R is not selected and cannot be accessed
Must be fixed at GND level when not in use.
RS
1
I
MPU
Selects the register.
Low: Index/status
High: Control
For a register or a synchronous clock interface, fixed to
the Vcc or GND level.
E/WR*/SCL
1
I
MPU
For a 68-system bus interface, serves as an enable signal
to activate data read/write operation.
For an 80-system bus interface, serves as a write strobe
signal and writes data at the low level.
For a synchronous clock interface, serves as the
synchronous clock signal.
RW/RD*
1
I
MPU
For a 68-system bus interface, serves as a signal to select
data read/write operation.
Low: Write
High: Read
For an 80-system bus interface, serves as a read strobe
signal and reads data at the low level.
For a synchronous clock interface, fixed to the Vcc or
GND level.
DB0/SDI
1
I/O
MPU
Serves as a 16-bit bi-directional data bus.
For an 8-bit bus interface, data transfer uses DB15-DB8;
fix unused DB7-DB0 to the Vcc or GND level.
For a clock-synchronous serial interface, serves as the
serial data input pin (SDI). The input level is read on the
rising edge of the SCL signal.
DB1/SDO
1
I/O
MPU
Serves as a 16-bit bi-directional data bus.
For an 8-bit bus interface, data transfer uses DB15-DB8; fix
unused DB7-DB0 to the Vcc or GND level.
For a clock-synchronous serial interface, serves as a serial
data output pin (SDO). Successive bit values are output on
the falling edge of the SCL signal.


Similar Part No. - HD667A66R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66702R HITACHI-HD66702R Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HD66710 HITACHI-HD66710 Datasheet
513Kb / 97P
   Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver with Key Scan Function
HD66710A00FS HITACHI-HD66710A00FS Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HD66710A00TF HITACHI-HD66710A00TF Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
More results

Similar Description - HD667A66R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD66773R RENESAS-HD66773R Datasheet
1Mb / 133P
   262,144-color, 132 x 176-dot Graphics Controller Driver for TFT LCD panels
logo
Hitachi Semiconductor
HD66760 HITACHI-HD66760 Datasheet
653Kb / 105P
   104 X 80-dot Graphics LCD Controller/Driver for 256 Colors
logo
Samsung semiconductor
S6D0114 SAMSUNG-S6D0114 Datasheet
1Mb / 143P
   132 RGB X 176 DOT 1-CHIP DRIVER IC WITH INTERNAL GRAM FOR 262,144 Colors TFT-LCD
logo
Sitronix Technology Co....
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
   65 x 132 Dot Matrix LCD Controller/Driver
ST7577 SITRONIX-ST7577 Datasheet
1Mb / 48P
   132 x 39 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
   65 x 132 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
   65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
   65 x 132 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com