Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66235FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M66235FP
Description  STANDARD CLOCK GENERATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66235FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M66235FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66235FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66235FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66235FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66235FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
MITSUBISHI
〈DIGITAL ASSP〉
M66235FP
STANDARD CLOCK GENERATOR
clock output from CKO is output. From 1/2 divider synchro-
nous clock output (CKO/2), 1/2 divider signal of sync clock
output from CKO is output. From 1/2 divider synchronous
clock inverted output (CKO/2), inverted signal of that output
from CKO/2 is output.
From one-shot pulse output (PULSE), one-shot pulse which
is almost equal to two cycles of clock input signal is output
after trigger input signal falls. From continuous clock output
(CNTCK), sync clock is output when trigger input signal is on
“L” level; when trigger input signal is on “H” level, clock input
signal, which is input to CLK IN, is output.
All these outputs but continuous clock output are suspended
when trigger input signal is on “H” level: Synchronous clock
output, 1/2 divider synchronous clock output and one-shot
pulse output stay on “L” level, and synchronous clock inverted
output and 1/2 divider synchronous clock inverted output stay
on “H” level.
FUNCTION
M66235 standard clock generator outputs clock input signal,
which is input to CLK IN, synchronously with optional trigger
signal, which is input to TR.
Sync clock output timing is determined by trigger input signal
fall edge. Time-lag between trigger input signal fall edge and
sync clock output equals the sum of clock input signal “L”
pulse width and M66235 internal delay. Variation in this lag
(
∆t) is ±3ns, ensuring excellent synchronizing accuracy.
There are six types of outputs: synchronous clock output
(CKO), synchronous clock inverted output (CKO), 1/2 divider
synchronous clock output (CKO/2), 1/2 divider synchronous
clock inverted output (CKO/2), one-shot pulse output
(PULSE) and continuous clock output (CNTCK).
From synchronous clock output (CKO), sync clock of the
same frequency as clock input signal is output. From syn-
chronous clock inverted output (CKO), inverted signal of sync
CLK IN
1/fIN
tw(TR)
tsp(CKO)
tsp(CKO)
tsp(CKO/2)
tsp(CKO/2)
tss(CKO)
∆t
∆t
∆t
∆t
∆t
tss(CKO)
tss(CKO/2)
tss(CKO/2)
tss(PULSE)
tw(PULSE)
∆t
tCH
tss(CNTCK)
tCL
TR
CKO
PULSE
CNTCK
CKO/2
CKO
CKO/2
3V
0V
VOH
VOH
VOL
VOL
0V
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
VCC
Note 1: tSS (CKO, CKO, CKO/2, CKO/2 and PULSE) equals the sum of input clock “L” width and
α . Value α refers to internal delay in M66235. Under envi-
ronment where temperature and VCC do not change, value
α and tss are kept constant. Dispersion of tss under such conditions is defined as ∆t [syn-
chronizing precision (jitter)].
Note 2: Outputs (CKO, CKO, CKO/2, CKO/2 PULSE and CNTCK) are unknown until trigger input TR reaches “H” level for the first time after power-on.


Similar Part No. - M66235FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66235FP RENESAS-M66235FP Datasheet
1Mb / 6P
   STANDARD CLOCK GENERATOR
More results

Similar Description - M66235FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66235FP RENESAS-M66235FP Datasheet
1Mb / 6P
   STANDARD CLOCK GENERATOR
M66236FP RENESAS-M66236FP Datasheet
1Mb / 6P
   STANDARD CLOCK GENERATOR
logo
Mitsubishi Electric Sem...
M66236FP MITSUBISHI-M66236FP Datasheet
57Kb / 5P
   STANDARD CLOCK GENERATOR
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
   Standard Clock Generator with PLL Frequency Synthesizer
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
   STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
BU2360FV ROHM-BU2360FV Datasheet
270Kb / 6P
   Clock Generator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com