Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN5116 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN5116
Description  Silicon PNP epitaxial planer transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN5116 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN5116 Datasheet HTML 1Page - Panasonic Semiconductor UN5116 Datasheet HTML 2Page - Panasonic Semiconductor UN5116 Datasheet HTML 3Page - Panasonic Semiconductor UN5116 Datasheet HTML 4Page - Panasonic Semiconductor UN5116 Datasheet HTML 5Page - Panasonic Semiconductor UN5116 Datasheet HTML 6Page - Panasonic Semiconductor UN5116 Datasheet HTML 7Page - Panasonic Semiconductor UN5116 Datasheet HTML 8Page - Panasonic Semiconductor UN5116 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Transistors with built-in Resistor
UN5111/5112/5113/5114/5115/5116/5117/5118/5119/5110/
511D/511E/511F/511H/511L/511M/511N/511T/511V/511Z
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector cutoff current
ICBO
VCB = –50V, IE = 0
– 0.1
µA
ICEO
VCE = –50V, IB = 0
– 0.5
µA
UN5111
– 0.5
UN5112/5114/511E/511D/511M/511N/511T
– 0.2
UN5113
– 0.1
UN5115/5116/5117/5110
IEBO
VEB = –6V, IC = 0
– 0.01
mA
UN511F/511H
–1.0
UN5119
–1.5
UN5118/511L/511V
–2.0
UN511Z
– 0.4
Collector to base voltage
VCBO
IC = –10µA, IE = 0
–50
V
UN511N/511T/511V/511Z
–50
Collector to emitter voltage
VCEO
IC = –2mA, IB = 0
–50
V
UN511N/511T
–50
UN5111
35
UN5112/511E
60
UN5113/5114/511M
80
UN5115*/5116*/5117*/5110*
160
460
UN511F/511D/5119/511H
hFE
VCE = –10V, IC = –5mA
30
UN5118/511L
20
UN511N/511T
80
400
UN511V
6
20
UN511Z
60
200
Collector to emitter saturation voltage
VCE(sat)
IC = –10mA, IB = – 0.3mA
– 0.25
V
UN511V
IC = –10mA, IB = –1.5mA
– 0.25
Output voltage high level
VOH
VCC = –5V, VB = – 0.5V, RL = 1kΩ
–4.9
V
Output voltage low level
VCC = –5V, VB = –2.5V, RL = 1kΩ
– 0.2
UN5113
VOL
VCC = –5V, VB = –3.5V, RL = 1kΩ
– 0.2
V
UN511D
VCC = –5V, VB = –10V, RL = 1kΩ
– 0.2
UN511E
VCC = –5V, VB = –6V, RL = 1kΩ
– 0.2
Transition frequency
fT
VCB = –10V, IE = 1mA, f = 200MHz
80
MHz
UN511Z
VCB = –10V, IE = 1mA, f = 200MHz
150
UN5111/5114/5115
10
UN5112/5117/511T
22
UN5113/5110/511D/511E
47
UN5116/511F/511L/511N/511Z
R1
(–30%)
4.7
(+30%)
k
UN5118
0.51
UN5119
1
UN511H/511M/511V
2.2
Emitter
cutoff
current
Forward
current
transfer
ratio
Input
resis-
tance
* hFE rank classification (UN5115/5116/5117/5110)
Rank
Q
R
S
hFE
160 to 260
210 to 340
290 to 460


Similar Part No. - UN5116

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN5116 PANASONIC-UN5116 Datasheet
444Kb / 17P
   Silicon PNP epitaxial planar type
More results

Similar Description - UN5116

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com