Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3L02AS4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS3L02AS4
Description  MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L02AS4 Datasheet(HTML) 1 Page - STMicroelectronics

  LIS3L02AS4 Datasheet HTML 1Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 2Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 3Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 4Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 5Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 6Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 7Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 8Page - STMicroelectronics LIS3L02AS4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
LIS3L02AS4
December 2005
1
Features
2.4V TO 3.6V SINGLE SUPPLY OPERATION
LOW POWER CONSUMPTION
±2g/±6g USER SELECTABLE FULL-SCALE
0.5mg RESOLUTION OVER 100Hz
BANDWIDTH
EMBEDDED SELF TEST AND POWER DOWN
OUTPUT VOLTAGE, OFFSET AND
SENSITIVITY RATIOMETRIC TO THE
SUPPLY VOLTAGE
HIGH SHOCK SURVIVABILITY
LEAD FREE AND ECOPACK COMPATIBLE
2
Description
The LIS3L02AS4 is a low-power three axes linear ac-
celerometer that includes a sensing element and an
IC interface able to take the information from the
sensing element and to provide an analog signal to
the external world.
The sensing element, capable of detecting the accel-
eration, is manufactured using a dedicated process
developed by ST to produce inertial sensors and ac-
tuators in silicon.
The IC interface is manufactured using a standard
CMOS process that allows high level of integration to
design a dedicated circuit which is trimmed to better
match the sensing element characteristics.
The LIS3L02AS4 has a user selectable full scale of
±2g, ±6g and it is capable of measuring accelerations
over a bandwidth of 1.5KHz for all axes. The device
bandwidth may be reduced by using external capac-
itances. A self-test capability allows to check the me-
chanical and electrical signal path of the sensor.
The LIS3L02AS4 is available in plastic SMD package
and it is specified over an extended temperature
range of -40°C to +85°C.
The LIS3L02AS4 belongs to a family of products suit-
able for a variety of applications:
– Mobile terminals
– Gaming and Virtual Reality input devices
– Free-fall detection for data protection
– Antitheft systems and Inertial Navigation
– Appliance and Robotics
MEMS INERTIAL SENSOR:
3-Axis - ±2g/±6g LINEAR ACCELEROMETER
Figure 2. Block Diagram
DEMUX
S/H
CHARGE
AMPLIFIER
S/H
MUX
Y+
Z+
Y-
Z-
Voutx
Voutz
Routx
Routz
TRIMMING CIRCUIT
CLOCK
S/H
Vouty
Routy
a
X+
X-
SELF TEST
REFERENCE
Figure 1. Package
Table 1. Order Codes
Part Number
Package
Finishing
E-LIS3L02AS4
SO24
Tube
E-LIS3L02AS4TR
SO24
Tape & Reel
SO24
Rev. 2


Similar Part No. - LIS3L02AS4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AS STMICROELECTRONICS-LIS3L02AS Datasheet
80Kb / 7P
   INERTIAL SENSOR: 3Axis - 2g/6g LINEAR ACCELEROMETER
LIS3L02AS5 STMICROELECTRONICS-LIS3L02AS5 Datasheet
153Kb / 14P
   MEMS INERTIAL SENSOR: 3-axis - 짹2g/6g LINEAR ACCELEROMETER
LIS3L02AS5TR STMICROELECTRONICS-LIS3L02AS5TR Datasheet
153Kb / 14P
   MEMS INERTIAL SENSOR: 3-axis - 짹2g/6g LINEAR ACCELEROMETER
More results

Similar Description - LIS3L02AS4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AQ5 STMICROELECTRONICS-LIS3L02AQ5 Datasheet
199Kb / 15P
   MEMS INERTIAL SENSOR: 3-axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS2L02AS4 STMICROELECTRONICS-LIS2L02AS4 Datasheet
231Kb / 14P
   MEMS INERTIAL SENSOR: 2-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS2L02AQ3 STMICROELECTRONICS-LIS2L02AQ3 Datasheet
227Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL_08 Datasheet
672Kb / 48P
   MEMS inertial sensor 3-axis - 짹2g/짹6g digital output low voltage linear accelerometer
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL Datasheet
317Kb / 36P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g Digital Output Low Voltage Linear Accelerometer
February 2006 Rev 1
LIS3L02AS5 STMICROELECTRONICS-LIS3L02AS5 Datasheet
153Kb / 14P
   MEMS INERTIAL SENSOR: 3-axis - 짹2g/6g LINEAR ACCELEROMETER
LIS344ALH STMICROELECTRONICS-LIS344ALH Datasheet
174Kb / 16P
   MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
LIS344ALH_0804 STMICROELECTRONICS-LIS344ALH_0804 Datasheet
220Kb / 19P
   MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com