Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC218 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MAC218
Description  TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC218 Datasheet(HTML) 2 Page - Motorola, Inc

  MAC218 Datasheet HTML 1Page - Motorola, Inc MAC218 Datasheet HTML 2Page - Motorola, Inc MAC218 Datasheet HTML 3Page - Motorola, Inc MAC218 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAC218 Series MAC218A Series
2
Motorola Thyristor Device Data
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
2.2
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Blocking Current
(VD = Rated VDRM, gate open)
TJ = 25°C
TJ = 125°C
IDRM
10
2
µA
mA
Peak On-State Voltage (Either Direction)
(ITM = 11.3 A Peak; Pulse Width = 1 to 2 ms, Duty Cycle t 2%)
VTM
1.7
2
Volts
Gate Trigger Current (Continuous dc)
(VD = 12 Vdc, RL = 12Ω)
Trigger Mode
MT2(+), Gate(+); MT2(+), Gate(–); MT2(–), Gate(–)
MT2(–), Gate(+) “A” SUFFIX ONLY
IGT
50
75
mA
Gate Trigger Voltage (Continuous dc)
(Main Terminal Voltage = 12 Vdc, RL = 100 Ohms)
MT2(+), G(+)
MT2(+), G(–)
MT2(–), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
(Main Terminal Voltage = Rated VDRM, RL = 10 kΩ, TJ = +125°C)
MT2(+), G(+); MT2(–), G(–); MT2(+), G(–)
MT2(–), G(+) “A” SUFFIX ONLY
VGT
0.2
0.2
0.9
0.9
1.1
1.4
2
2
2
2.5
Volts
Holding Current (Either Direction)
(VD = 24 Vdc, Gate Open,
Initiating Current = 200 mA)
IH
50
mA
Critical Rate of Rise of Commutating Off-State Voltage
(VD = Rated VDRM, ITM = 11.3 A, Commutating
di/dt = 4.1 A/ms, Gate Unenergized, TC = 80°C)
dv/dt(c)
5
V/
µs
Critical Rate of Rise of Off-State Voltage
(VD = Rated VDRM, Exponential Voltage Rise, Gate Open,
TJ = 125°C)
dv/dt
100
V/
µs
105
115
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
IT(RMS) RMS ON STATE CURRENT (AMPS)
8.0
FIGURE 2 — POWER DISSIPATION
10
8.0
6.0
4.0
2.0
75
0
IT(RMS), RMS ON STATE CURRENT (AMPS)
FIGURE 1 — CURRENT DERATING
85
95
125
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0


Similar Part No. - MAC218

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MAC218 DIGITRON-MAC218 Datasheet
178Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
MAC218 NJSEMI-MAC218 Datasheet
90Kb / 2P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
MAC218 ONSEMI-MAC218 Datasheet
138Kb / 4P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 1
logo
Digitron Semiconductors
MAC218-10 DIGITRON-MAC218-10 Datasheet
178Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
MAC218-10 NJSEMI-MAC218-10 Datasheet
90Kb / 2P
   Silicon Bidirectional Thyristors
More results

Similar Description - MAC218

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
   TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC210-4 MOTOROLA-MAC210-4 Datasheet
66Kb / 4P
   TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
T2500 MOTOROLA-T2500 Datasheet
69Kb / 4P
   TRIACs 6 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212 NJSEMI-MAC212 Datasheet
141Kb / 2P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
logo
Motorola, Inc
MAC8SD MOTOROLA-MAC8SD Datasheet
753Kb / 8P
   TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC8D MOTOROLA-MAC8D Datasheet
79Kb / 4P
   TRIACS 8 AMPERES RMS 400 thru 800 VOLTS
T2800 MOTOROLA-T2800 Datasheet
69Kb / 4P
   TRIACs 8 AMPERES RMS 200 thru 600 VOLTS
MAC210-4FP MOTOROLA-MAC210-4FP Datasheet
112Kb / 6P
   ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
T2500FP MOTOROLA-T2500FP Datasheet
83Kb / 4P
   ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com