Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50W-1A21 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 50W-1A21
Description  MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

50W-1A21 Datasheet(HTML) 2 Page - DB Lectro Inc

  50W-1A21 Datasheet HTML 1Page - DB Lectro Inc 50W-1A21 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - 50W-1A21

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
50WF10 NJSEMI-50WF10 Datasheet
61Kb / 1P
   Ultra-Fast Recovery
50WF10 NJSEMI-50WF10 Datasheet
61Kb / 1P
   Rectifiers Ultra-Fast Recovery
50WF10F NJSEMI-50WF10F Datasheet
61Kb / 1P
   Ultra-Fast Recovery
50WF10F NJSEMI-50WF10F Datasheet
61Kb / 1P
   Rectifiers Ultra-Fast Recovery
50WF20 NJSEMI-50WF20 Datasheet
61Kb / 1P
   Ultra-Fast Recovery
More results

Similar Description - 50W-1A21

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
60W-1E10 DBLECTRO-60W-1E10 Datasheet
846Kb / 2P
   MERCURY WETTED RELAYS FOR MOUNTING ON P.C. BOARDS.
logo
Tyco Electronics
159-117G00 MACOM-159-117G00 Datasheet
294Kb / 6P
   Mercury-Wetted Reed Relays
logo
BetLux Electronics
BL-D30E-21 BETLUX-BL-D30E-21 Datasheet
316Kb / 5P
   Easy mounting on P.C. Boards or sockets
BL-D30G-21 BETLUX-BL-D30G-21 Datasheet
346Kb / 5P
   Easy mounting on P.C. Boards or sockets
BL-D30I-21 BETLUX-BL-D30I-21 Datasheet
341Kb / 5P
   Easy mounting on P.C. Boards or sockets
logo
Tyco Electronics
2IO MACOM-2IO Datasheet
344Kb / 4P
   Mounting Boards for Input/Output Modules
logo
TE Connectivity Ltd
2IO TEC-2IO Datasheet
344Kb / 4P
   Mounting Boards for Input/Output Modules
logo
Japan Aviation Electron...
ES6 JAE-ES6 Datasheet
594Kb / 6P
   Saves mounting space on boards and is ideal for compact bulbs and fixtures.
logo
Advanced Crystal Techno...
ACT225SMX-4 ACT-ACT225SMX-4 Datasheet
168Kb / 2P
   ideal for fitting on high density boards
16/0305
ACT225SMX-4 ACT-ACT225SMX-4_12 Datasheet
393Kb / 2P
   ideal for fitting on high density boards
31-10-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com