Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN8231 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UN8231
Description  Silicon NPN epitaxial planer transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN8231 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UN8231 Datasheet HTML 1Page - Panasonic Semiconductor UN8231 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistors with built-in Resistor
UN8231/UN8231A
Silicon NPN epitaxial planer transistor
For switching
s Features
q
High forward current transfer ratio hFE.
q
Resistor built-in type, allowing downsizing of the equipment and
reduction of the number of parts.
q
Available in a type with radial taping.
s Absolute Maximum Ratings (Ta=25˚C)
1 : Emitter
2 : Collector
3 : Base
MT-2 Type Package
Unit: mm
Internal Connection
Parameter
Symbol
Ratings
Unit
UN8231
VCBO
20
V
UN8231A
60
UN8231
VCEO
20
V
UN8231A
50
Peak collector current
ICP
1.5
A
Collector current
IC
0.7
A
Total power dissipation
PT*1
W
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
B
C
R1(1k
Ω)
R2
(47k
Ω)
E
Collector to
base voltage
Collector to
emitter voltage
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector cutoff current
ICBO
VCB = 15V, IE = 0
1
µA
Collector cutoff current
ICEO
VCE = 15V, IB = 0
10
µA
Emitter cutoff current
IEBO
VEB = 14V, IC = 0
0.5
mA
Collector to base voltage
UN8231
VCBO
IC = 10µA, IE = 0
20
V
UN8231A
60
Collector to emitter voltage
UN8231
VCEO
IC = 1mA, IB = 0
20
V
UN8231A
50
Forward current transfer ratio
hFE*VCE = 10V, IC = 150mA
800
2100
Collector to emitter saturation voltage
VCE(sat)*IC = 500mA, IB = 5mA
0.4
V
Input resistance
R1
0.7
1
1.3
k
Resistance ratio
R1/R2
0.016
0.021
0.025
Transition frequency
fT
VCB = 10V, IE = –50mA, f = 200MHz
200
MHz
* Printed circuit board: Copper foil area of 1cm2 or more and thickness of
1.7mm for the collector portion.
*Pulse measurement
2.5
±0.1
2.5
±0.5 2.5±0.5
6.9
±0.1
1.05
±0.05
(1.45)
4.0
0.7
0.8
0.65 max.
0.45
+0.1
–0.05
3
2
1


Similar Part No. - UN8231

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN8001N300-T20F UNSEMI-UN8001N300-T20F Datasheet
3Mb / 8P
   N-Channel Enhancement Mode MOSFET
Revision March 1,2022
logo
List of Unclassifed Man...
UN8HX ETC2-UN8HX Datasheet
35Kb / 1P
   Single 4.2V 500mA small size Lithium charge management IC
More results

Similar Description - UN8231

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com