Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3332DV-40T6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # UPSD3332DV-40T6
Description  Fast 8032 MCU with Programmable Logic
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3332DV-40T6 Datasheet(HTML) 1 Page - STMicroelectronics

  UPSD3332DV-40T6 Datasheet HTML 1Page - STMicroelectronics UPSD3332DV-40T6 Datasheet HTML 2Page - STMicroelectronics UPSD3332DV-40T6 Datasheet HTML 3Page - STMicroelectronics UPSD3332DV-40T6 Datasheet HTML 4Page - STMicroelectronics UPSD3332DV-40T6 Datasheet HTML 5Page - STMicroelectronics UPSD3332DV-40T6 Datasheet HTML 6Page - STMicroelectronics UPSD3332DV-40T6 Datasheet HTML 7Page - STMicroelectronics UPSD3332DV-40T6 Datasheet HTML 8Page - STMicroelectronics UPSD3332DV-40T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 231 page
background image
1/231
PRELIMINARY DATA
January 2005
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
uPSD33xx
Turbo Series
Fast 8032 MCU with Programmable Logic
FEATURES SUMMARY
FAST 8-BIT TURBO 8032 MCU, 40MHz
Advanced core, 4-clocks per instruction
10 MIPs peak performance at 40MHz (5V)
JTAG Debug and In-System
Programming
Branch Cache & 6 instruction Prefetch
Queue
Dual XDATA pointers with auto incr & decr
Compatible with 3rd party 8051 tools
DUAL FLASH MEMORIES WITH MEMORY
MANAGEMENT
Place either memory into 8032 program
address space or data address space
READ-while-WRITE operation for In-
Application Programming and EEPROM
emulation
Single voltage program and erase
100K guaranteed erase cycles, 15-year
retention
CLOCK, RESET, AND SUPPLY
MANAGEMENT
SRAM is Battery Backup capable
Flexible 8-level CPU clock divider register
Normal, Idle, and Power Down Modes
Power-on and Low Voltage reset
supervisor
Programmable Watchdog Timer
PROGRAMMABLE LOGIC, GENERAL
PURPOSE
16 macrocells
Create shifters, state machines, chip-
selects, glue-logic to keypads, panels,
LCDs, others
COMMUNICATION INTERFACES
–I2C Master/Slave controller, 833KHz
SPI Master controller, 10MHz
Two UARTs with independent baud rate
IrDA protocol support up to 115K baud
Up to 46 I/O, 5V tolerant on 3.3V
uPSD33xxV
Figure 1. Packages
A/D CONVERTER
Eight Channels, 10-bit resolution, 6µs
TIMERS AND INTERRUPTS
Three 8032 standard 16-bit timers
Programmable Counter Array (PCA), six
16-bit modules for PWM, CAPCOM, and
timers
8/10/16-bit PWM operation
11 Interrupt sources with two external
interrupt pins
OPERATING VOLTAGE SOURCE (±10%)
5V devices use both 5.0V and 3.3V
sources
3.3V devices use only 3.3V source
TQFP52 (T)
52-lead, Thin,
Quad, Flat
TQFP80 (U)
80-lead, Thin,
Quad, Flat


Similar Part No. - UPSD3332DV-40T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3333A-24T1 STMICROELECTRONICS-UPSD3333A-24T1 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3333A-24T1T STMICROELECTRONICS-UPSD3333A-24T1T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3333A-24T6 STMICROELECTRONICS-UPSD3333A-24T6 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3333A-24T6T STMICROELECTRONICS-UPSD3333A-24T6T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3333A-24U1 STMICROELECTRONICS-UPSD3333A-24U1 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
More results

Similar Description - UPSD3332DV-40T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
   Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
   8032 MCU with USB and Programmable Logic
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com