Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN5218 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UN5218
Description  Silicon NPN epitaxial planer transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN5218 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UN5218 Datasheet HTML 1Page - Panasonic Semiconductor UN5218 Datasheet HTML 2Page - Panasonic Semiconductor UN5218 Datasheet HTML 3Page - Panasonic Semiconductor UN5218 Datasheet HTML 4Page - Panasonic Semiconductor UN5218 Datasheet HTML 5Page - Panasonic Semiconductor UN5218 Datasheet HTML 6Page - Panasonic Semiconductor UN5218 Datasheet HTML 7Page - Panasonic Semiconductor UN5218 Datasheet HTML 8Page - Panasonic Semiconductor UN5218 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Transistors with built-in Resistor
UN5211/5212/5213/5214/5215/5216/5217/5218/5219/5210/
521D/521E/521F/521K/521L/521M/521N/521T/521V/521Z
Silicon NPN epitaxial planer transistor
For digital circuits
s Features
q
Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
q
S-Mini type package, allowing automatic insertion through tape
packing and magazine packing.
s Resistance by Part Number
Marking Symbol
(R1)(R2)
q
UN5211
8A
10k
10k
q
UN5212
8B
22k
22k
q
UN5213
8C
47k
47k
q
UN5214
8D
10k
47k
q
UN5215
8E
10k
q
UN5216
8F
4.7k
q
UN5217
8H
22k
q
UN5218
8I
0.51k
5.1k
q
UN5219
8K
1k
10k
q
UN5210
8L
47k
q
UN521D
8M
47k
10k
q
UN521E
8N
47k
22k
q
UN521F
8O
4.7k
10k
q
UN521K
8P
10k
4.7k
q
UN521L
8Q
4.7k
4.7k
q
UN521M
EL
2.2k
47k
q
UN521N
EX
4.7k
47k
q
UN521T
EZ
22k
47k
q
UN521V
FD
2.2k
2.2k
q
UN521Z
FF
4.7k
22k
s Absolute Maximum Ratings (Ta=25˚C)
1 : Base
2 : Emitter
EIAJ : SC–70
3 : Collector
S–Mini Type Package
Unit: mm
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
50
V
Collector to emitter voltage
VCEO
50
V
Collector current
IC
100
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
B
C
R1
R2
E


Similar Part No. - UN5218

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN5218 PANASONIC-UN5218 Datasheet
438Kb / 17P
   Silicon NPN epitaxial planar type
More results

Similar Description - UN5218

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com