Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN511D Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UN511D
Description  Silicon PNP epitaxial planer transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN511D Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UN511D Datasheet HTML 1Page - Panasonic Semiconductor UN511D Datasheet HTML 2Page - Panasonic Semiconductor UN511D Datasheet HTML 3Page - Panasonic Semiconductor UN511D Datasheet HTML 4Page - Panasonic Semiconductor UN511D Datasheet HTML 5Page - Panasonic Semiconductor UN511D Datasheet HTML 6Page - Panasonic Semiconductor UN511D Datasheet HTML 7Page - Panasonic Semiconductor UN511D Datasheet HTML 8Page - Panasonic Semiconductor UN511D Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Transistors with built-in Resistor
UN5111/5112/5113/5114/5115/5116/5117/5118/5119/5110/
511D/511E/511F/511H/511L/511M/511N/511T/511V/511Z
Silicon PNP epitaxial planer transistor
For digital circuits
s Features
q
Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
q
S-Mini type package, allowing automatic insertion through tape
packing and magazine packing.
s Resistance by Part Number
Marking Symbol
(R1)(R2)
q
UN5111
6A
10k
10k
q
UN5112
6B
22k
22k
q
UN5113
6C
47k
47k
q
UN5114
6D
10k
47k
q
UN5115
6E
10k
q
UN5116
6F
4.7k
q
UN5117
6H
22k
q
UN5118
6I
0.51
5.1k
q
UN5119
6K
1k
10k
q
UN5110
6L
47k
q
UN511D
6M
47k
10k
q
UN511E
6N
47k
22k
q
UN511F
6O
4.7k
10k
q
UN511H
6P
2.2k
10k
q
UN511L
6Q
4.7k
4.7k
q
UN511M
EI
2.2k
47k
q
UN511N
EW
4.7k
47k
q
UN511T
EY
22k
47k
q
UN511V
FC
2.2k
2.2k
q
UN511Z
FE
4.7k
22k
s Absolute Maximum Ratings (Ta=25˚C)
1 : Base
2 : Emitter
EIAJ : SC–70
3 : Collector
S–Mini Type Package
Unit: mm
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
–50
V
Collector to emitter voltage
VCEO
–50
V
Collector current
IC
–100
mA
Total power dissipation
PT
150
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
2.1
±0.1
1.25
±0.1
0.425
0.425
1
3
2
0.2
±0.1
B
C
R1
R2
E


Similar Part No. - UN511D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN511D PANASONIC-UN511D Datasheet
444Kb / 17P
   Silicon PNP epitaxial planar type
More results

Similar Description - UN511D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com