Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE400CA Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 1.5KE400CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

1.5KE400CA Datasheet(HTML) 2 Page - DB Lectro Inc

  1.5KE400CA Datasheet HTML 1Page - DB Lectro Inc 1.5KE400CA Datasheet HTML 2Page - DB Lectro Inc 1.5KE400CA Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
Plastic package
Glass passivated chip junction in DO-201 package
1500W surge capability at 10/1000 µs wave from
Excellent clamping capability
Low zener impedance
Fast response time: typically less than 1.0ps from 0 Volts to BV min.
Typical IR less than 1mA above 10V
(9.5mm) lead length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-201 Molded plastic
Terminal: Axial leads, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes cathode except Bipolar
Mounting Position: Any
Weight: 0.045 ounce, 1.2 grams
SYMBOL VALUE
UNITS
PPPM
Minimum
1500
Watts
PM(AV)
6.5
Watts
TJ , TSTG
-55 to +
175
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25
per Fig. 2 .
2.Mounted on Copper Pad area of 1.6×1.6" (40×40mm) per Fig. 5.
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Operating junction and Storage Temperature Range
RATING
Ratings at 25
ambient temperature unless otherwise specified.
IFSM
200
Amps
Peak Power Dissipation at TA = 25
, TP = 1ms (Note 1)
Steady State Power Dissipation at TL = 75
, Lead lengths.375",(9.5mm) (Note 2)
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note 3)
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use C or CA Suffix for types 1.5KE6.8 thru types 1.5KE440 (e.g. 1.5KE6.8C , 1.5KE440CA)
Electrical characteristics apply in both directions
MAXIMUM RATINGS AND CHARACTERISTICS
High temperature soldering guaranteed: 265°C/10 seconds/.375",
1.5KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-6.8 TO 440 Volts
1500 watt Peak Power / 6.5 Watt Steady State
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - 1.5KE400CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
1.5KE400CA SOCAY-1.5KE400CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Transys Electronics
1.5KE400CA TRSYS-1.5KE400CA Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
1.5KE400CA JINGHENG-1.5KE400CA Datasheet
132Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE400CA ETC1-1.5KE400CA Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
Micro Commercial Compon...
1.5KE400CA MCC-1.5KE400CA Datasheet
974Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results

Similar Description - 1.5KE400CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
StarHope
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
StarHope
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
TVS-P6KE SPSEMI-TVS-P6KE Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
logo
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Rectron Semiconductor
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Pan Jit International I...
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Micro Commercial Compon...
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com