Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE440CA Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 1.5KE440CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

1.5KE440CA Datasheet(HTML) 1 Page - DB Lectro Inc

  1.5KE440CA Datasheet HTML 1Page - DB Lectro Inc 1.5KE440CA Datasheet HTML 2Page - DB Lectro Inc 1.5KE440CA Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNI-
POLAR
BI-POLAR
1.5KE6.8A
1.5KE6.8CA
5.80
6.45
7.14
10
10.5
144.8
1000
1.5KE7.5A
1.5KE7.5CA
6.40
7.13
7.88
10
11.3
134.5
500
1.5KE8.2A
1.5KE8.2CA
7.02
7.79
8.61
10
12.1
125.6
200
1.5KE9.1A
1.5KE9.1CA
7.78
8.65
9.50
1
13.4
113.4
50
1.5KE10A
1.5KE10CA
8.55
9.50
10.50
1
14.5
104.8
10
1.5KE11A
1.5KE11CA
9.40
10.50
11.60
1
15.6
97.4
5
1.5KE12A
1.5KE12CA
10.20
11.40
12.60
1
16.7
91.0
5
1.5KE13A
1.5KE13CA
11.10
12.40
13.70
1
18.2
83.5
5
1.5KE15A
1.5KE15CA
12.80
14.30
15.80
1
21.2
71.7
5
1.5KE16A
1.5KE16CA
13.60
15.20
16.80
1
22.5
67.6
5
1.5KE18A
1.5KE18CA
15.30
17.10
18.90
1
25.2
60.3
5
1.5KE20A
1.5KE20CA
17.10
19.00
21.00
1
27.7
54.9
5
1.5KE22A
1.5KE22CA
18.80
20.90
23.10
1
30.6
49.7
5
1.5KE24A
1.5KE24CA
20.50
22.80
25.20
1
33.2
45.8
5
1.5KE27A
1.5KE27CA
23.10
25.70
28.40
1
37.5
40.5
5
1.5KE30A
1.5KE30CA
25.60
28.50
31.50
1
41.4
36.7
5
1.5KE33A
1.5KE33CA
28.20
31.40
34.70
1
45.7
33.3
5
1.5KE36A
1.5KE36CA
30.80
34.20
37.80
1
49.9
30.5
5
1.5KE39A
1.5KE39CA
33.30
37.10
41.00
1
53.9
28.2
5
1.5KE43A
1.5KE43CA
36.80
40.90
45.20
1
59.3
25.6
5
1.5KE47A
1.5KE47CA
40.20
44.70
49.40
1
64.8
23.5
5
1.5KE51A
1.5KE51CA
43.60
48.50
53.60
1
70.1
21.7
5
1.5KE56A
1.5KE56CA
47.80
53.20
58.80
1
77.0
19.7
5
1.5KE62A
1.5KE62CA
53.00
58.90
65.10
1
85.0
17.9
5
1.5KE68A
1.5KE68CA
58.10
64.60
71.40
1
92.0
16.5
5
1.5KE75A
1.5KE75CA
64.10
71.30
78.80
1
103.0
14.8
5
1.5KE82A
1.5KE82CA
70.10
77.90
86.10
1
113.0
13.5
5
1.5KE91A
1.5KE91CA
77.80
86.50
95.50
1
125.0
12.2
5
1.5KE100A 1.5KE100CA
85.50
95.00
105.00
1
137.0
11.1
5
1.5KE110A 1.5KE110CA
94.00
105.00
116.00
1
152.0
10.0
5
1.5KE120A 1.5KE120CA
102.00
114.00
126.00
1
165.0
9.2
5
1.5KE130A 1.5KE130CA
111.00
124.00
137.00
1
179.0
8.5
5
1.5KE150A 1.5KE150CA
128.00
143.00
158.00
1
207.0
7.3
5
1.5KE160A 1.5KE160CA
136.00
152.00
168.00
1
219.0
6.9
5
1.5KE170A 1.5KE170CA
145.00
162.00
179.00
1
234.0
6.5
5
1.5KE180A 1.5KE180CA
154.00
171.00
189.00
1
246.0
6.2
5
1.5KE200A 1.5KE200CA
171.00
190.00
210.00
1
274.0
5.5
5
1.5KE220A 1.5KE220CA
185.00
209.00
231.00
1
328.0
4.6
5
1.5KE250A 1.5KE250CA
214.00
237.00
263.00
1
344.0
4.4
5
1.5KE300A 1.5KE300CA
256.00
285.00
315.00
1
414.0
3.7
5
1.5KE350A 1.5KE350CA
300.00
332.00
368.00
1
482.0
3.2
5
1.5KE400A 1.5KE400CA
342.00
380.00
420.00
1
548.0
2.8
5
1.5KE440A 1.5KE440CA
376.00
418.00
462.00
1
600.0
2.5
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
1.5KE SERIES
GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 6.8 to 440 Volts
1500 Watts Peak Power
6.5 Watt Steady State
1.5KE
PART NUMBER
REVERSE
STAND-
OFF
VOLTAG
E
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR(µA)
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - 1.5KE440CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE440CA TRSYS-1.5KE440CA Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Bruckewell Technology L...
1.5KE440CA BWTECH-1.5KE440CA Datasheet
595Kb / 7P
   Glass passvated junction chip
logo
Fairchild Semiconductor
1.5KE440CA FAIRCHILD-1.5KE440CA Datasheet
55Kb / 3P
   Glass passivated junction. 1500W Peak Pulse Power capability at 1.0 ms.
logo
Shanghai Leiditech Elec...
1.5KE440CA LEIDITECH-1.5KE440CA Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
logo
WILLAS ELECTRONIC CORP
1.5KE440CA WILLAS-1.5KE440CA Datasheet
670Kb / 4P
   REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
More results

Similar Description - 1.5KE440CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
StarHope
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
StarHope
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
TVS-P6KE SPSEMI-TVS-P6KE Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
logo
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Rectron Semiconductor
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Pan Jit International I...
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Micro Commercial Compon...
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com