Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3332D-40T6T Datasheet(PDF) 7 Page - STMicroelectronics

Part # UPSD3332D-40T6T
Description  Fast 8032 MCU with Programmable Logic
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3332D-40T6T Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UPSD3332D-40T6T Datasheet HTML 3Page - STMicroelectronics UPSD3332D-40T6T Datasheet HTML 4Page - STMicroelectronics UPSD3332D-40T6T Datasheet HTML 5Page - STMicroelectronics UPSD3332D-40T6T Datasheet HTML 6Page - STMicroelectronics UPSD3332D-40T6T Datasheet HTML 7Page - STMicroelectronics UPSD3332D-40T6T Datasheet HTML 8Page - STMicroelectronics UPSD3332D-40T6T Datasheet HTML 9Page - STMicroelectronics UPSD3332D-40T6T Datasheet HTML 10Page - STMicroelectronics UPSD3332D-40T6T Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 231 page
background image
7/231
uPSD33xx
SUMMARY DESCRIPTION
The Turbo uPSD33xx Series combines a powerful
8051-based microcontroller with a flexible memory
structure, programmable logic, and a rich periph-
eral mix to form an ideal embedded controller. At
its core is a fast 4-cycle 8032 MCU with a 6-byte
instruction prefetch queue (PFQ) and a 4-entry ful-
ly associative branching cache (BC) to maximize
MCU performance, enabling loops of code in
smaller localities to execute extremely fast.
Code development is easily managed without a
hardware In-Circuit Emulator by using the serial
JTAG debug interface. JTAG is also used for In-
System Programming (ISP) in as little as 10 sec-
onds, perfect for manufacturing and lab develop-
ment. The 8032 core is coupled to Programmable
System Device (PSD) architecture to optimize the
8032 memory structure, offering two independent
banks of Flash memory that can be placed at vir-
tually any address within 8032 program or data ad-
dress space, and easily paged beyond 64K bytes
using on-chip programmable decode logic. Dual
Flash memory banks provide a robust solution for
remote product updates in the field through In-Ap-
plication Programming (IAP). Dual Flash banks
also support EEPROM emulation, eliminating the
need for external EEPROM chips. General pur-
pose programmable logic (PLD) is included to
build an endless variety of glue-logic, saving exter-
nal logic devices. The PLD is configured using the
software development tool, PSDsoft Express,
available from the web at www.st.com/psm, at no
charge. The uPSD33xx also includes supervisor
functions such as a programmable watchdog timer
and low-voltage reset.
Figure 2. Block Diagram
PA0:7
PB0:7
PD1:2
PC0:7
MCU
Bus
P4.0:7
P1.0:7
P3.0:7
uPSD33xx
Dedicated
Pins
Supervisor:
Watchdog and Low-Voltage Reset
1st Flash Memory:
64K, 128K,
or 256K Bytes
2nd Flash Memory:
16K or 32K Bytes
SRAM:
2K, 8K, or 32K Bytes
Programmable
Decode and
Page Logic
General
Purpose
Programmable
Logic,
16 Macrocells
(8) GPIO, Port A
(80-pin only)
(8) GPIO, Port B
(4) GPIO, Port C
(2) GPIO, Port D
JTAG ICE and ISP
8032 Address/Data/Control Bus
(80-pin device only)
V
CC, VDD, GND, Reset, Crystal In
Turbo
8032
Core
PFQ
&
BC
(3) 16-bit
Timer/
Counters
(2)
External
Interrupts
I
2C
SPI
(8) 10-bit ADC
UART0
(8) GPIO, Port 1
(8) GPIO, Port 3
(8) GPIO, Port 4
UART1
Optional IrDA
Encoder/Decoder
16-bit PCA
(6) PWM, CAPCOM, TIMER
AI08875


Similar Part No. - UPSD3332D-40T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3333A-24T1 STMICROELECTRONICS-UPSD3333A-24T1 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3333A-24T1T STMICROELECTRONICS-UPSD3333A-24T1T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3333A-24T6 STMICROELECTRONICS-UPSD3333A-24T6 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3333A-24T6T STMICROELECTRONICS-UPSD3333A-24T6T Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3333A-24U1 STMICROELECTRONICS-UPSD3333A-24U1 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
More results

Similar Description - UPSD3332D-40T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UPSD3354DV-40U6 STMICROELECTRONICS-UPSD3354DV-40U6 Datasheet
3Mb / 272P
   fast 8032 MCU with programmable logic
UPSD34XX STMICROELECTRONICS-UPSD34XX Datasheet
267Kb / 9P
   Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3233B-40U6 STMICROELECTRONICS-UPSD3233B-40U6 Datasheet
267Kb / 8P
   8032 MCU with USB and Programmable Logic
UPSD3422 STMICROELECTRONICS-UPSD3422_V01 Datasheet
3Mb / 300P
   Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
Rev 5 January 2009
UPSD3422 STMICROELECTRONICS-UPSD3422 Datasheet
4Mb / 264P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3422 STMICROELECTRONICS-UPSD3422_06 Datasheet
4Mb / 293P
   Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
UPSD3212A STMICROELECTRONICS-UPSD3212A Datasheet
2Mb / 163P
   Flash Programmable System Devices with 8032 MCU with USB and Programmable Logic
UPSD3200 STMICROELECTRONICS-UPSD3200 Datasheet
79Kb / 8P
   Flash Programmable System Device with 8032 Microcontroller Core
UPSD3234A STMICROELECTRONICS-UPSD3234A Datasheet
1Mb / 170P
   Flash Programmable System Devices with 8032 Microcontroller Core
UPSD3254A STMICROELECTRONICS-UPSD3254A Datasheet
1Mb / 175P
   Flash Programmable System Devices with 8032 Microcontroller Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com