Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA7572F-20L Datasheet(PDF) 4 Page - Anachip Corp

Part # PA7572F-20L
Description  Programmable Electrically Erasable Logic Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PA7572F-20L Datasheet(HTML) 4 Page - Anachip Corp

  PA7572F-20L Datasheet HTML 1Page - Anachip Corp PA7572F-20L Datasheet HTML 2Page - Anachip Corp PA7572F-20L Datasheet HTML 3Page - Anachip Corp PA7572F-20L Datasheet HTML 4Page - Anachip Corp PA7572F-20L Datasheet HTML 5Page - Anachip Corp PA7572F-20L Datasheet HTML 6Page - Anachip Corp PA7572F-20L Datasheet HTML 7Page - Anachip Corp PA7572F-20L Datasheet HTML 8Page - Anachip Corp PA7572F-20L Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
4/10
Input Cells (INC)
Input cells (INC) are included on dedicated input pins. The
block diagram of the INC is shown in Figure 6. Each INC
consists of a multiplexer and a register/transparent latch,
which can be clocked from various sources selected by the
global cell (see Figure 7). The register is rising edge
clocked. The latch is transparent when the clock is high
and latched on the clock’s falling edge. The register/ latch
can also be bypassed for a non-registered input.
I/O Cell (IOC)
All PEEL™ Arrays have I/O cells (IOC) as shown above in
Figure 6. Inputs to the IOCs can be fed from any of the
LCCs in the array. Each IOC consists of routing and control
multiplexers, an input register/transparent latch, a three-
state buffer and an output polarity control. The register/
latch can be clocked from a variety of sources determined
by the global cell. It can also be bypassed for a non-
registered input. The PA7572 allows the use of SUM-D as
a feedback to the array when the I/O pin is a dedicated
output. This allows for additional buried registers and logic
paths. (See Figure 8 and Figure 9).
I/O with
independent
output enable
I/O
QD
Input with optional
register/latch
A
B
C
D
1
2
OE
DQ
08-15-008A
Figure 8. LCC & IOC With Two Outputs
A
B
C
D
Output
1
2
3
Buried register or
logic paths
QD
DQ
08-15-009A
Figure 9. LCC & IOC With Three Outputs
Global Cells
The global cells, shown in Figure 10, are used to direct global
clock signals and/or control terms to the LCCs, IOCs and
INCs. The global cells allow a clock to be selected from the
CLK1 pin, CLK2 pin, or a product term from the logic array
(PCLK). They also provide polarity control for INC and IOC
clocks enabling rising or falling clock edges for input
registers/latches. Note that each individual LCC clock has its
own polarity control. The global cell for LCCs includes sum-
of-products control terms for global reset and preset, and a
fast product term control for LCC register-type, used to save
product terms for loadable counters and state machines (see
Figure 11). The PA7572 provides two global cells that divide
the LCC and IOCs into groups, A and B. Half of the LCCs and
IOCs use global cell A, half use global cell B. This means that
two high-speed global clocks can be used among the LCCs.
Global Cell: LCC & IOC
MUX
MUX
CLK1
CLK2
PCLK
Reg-Type
Preset
Reset
LCC Resets
LCC Presets
LCC Reg-Type
IOC Clocks
LCC Clocks
Global Cell: INC
MUX
CLK1
CLK2
PCLK
INC Clocks
Group A & B
08-15-010A
Figure 10. Global Cells
Register Ty pe Change Feature
Global Cell can dynam ically change user-
selected LCC registers from D to T or from D
to JK. This saves product term s for loadable
counters or state m achines. Use as D register
to load, use as T or JK to count. Tim ing
allow s dynam ic operation.
T
R
P
Q
D
R
P
Q
Reg-Type from Glob al Cell
Example:
Product term s for 10 bit loadable binary counter
D uses 57 product term s (47 count, 10 load)
T uses 30 product term s (10 count, 20 load)
D/T uses 20 product term s (10 count, 10 load)
08-15-011 A
Figure 11. Register Type Change Feature


Similar Part No. - PA7572F-20L

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA75 APEX-PA75 Datasheet
337Kb / 4P
   DUAL POWER OPERATIONAL AMPLIFIERS
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
   Dual Power Operational Amplifiers
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
More results

Similar Description - PA7572F-20L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA7024 ETC-PA7024 Datasheet
427Kb / 6P
   Programmable Electrically Erasable Logic Array
logo
Anachip Corp
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
   PEEL Array-TM Programmable Electrically Erasable Logic Array
PA7540 ANACHIP-PA7540 Datasheet
239Kb / 10P
   PA7540 PEEL Array Programmable Electrically Erasable Logic Array
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com