Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP110CA Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 5KP110CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

5KP110CA Datasheet(HTML) 2 Page - DB Lectro Inc

  5KP110CA Datasheet HTML 1Page - DB Lectro Inc 5KP110CA Datasheet HTML 2Page - DB Lectro Inc 5KP110CA Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
Plastic package
Glass passivated chip junction
Excellent clamping capability
Pepetition rate(duty cycle):0.05%
Low incremental surge resistance
Fast response time: typically less than 1.0ps from 0 Volts to BV
Typical IR less than 3mA for Vbr>=10V
High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic over glass passivated junction
Mounting Position: Any
Weight: 0.07ounce, 2.1gram
SYMBOL
VALUE
UNITS
PPPM
Minimum
5000
Watts
IPPM
SEE
TABLE 1
Amps
PM(AV)
8
Watts
TJ , TSTG
-55 to +
175
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25
per Fig. 2 .
2.Mounted on Copper Pad area of 0.8×0.8" (20×20mm) per Fig. 5.
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
5KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-5.0 TO 180 Volts
5000 watt Peak Pulse Power
DEVICES FOR BIPOLAR APPLICATION
For Bidirectional use C or CA Suffix for types 5KP5.0 thru types 5KP180 (e.g. 5KP5.0C , 5KP180CA)
Electrical characteristics apply in both directions
MAXIMUM RATINGS AND CHARACTERISTICS
Peak Pulse Power Dissipation on 10/1000
s waveform (Note 1,FIG.1)
Peak Pulse Current of on 10/1000
s waveform (Note 1,FIG.3)
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
Superimposed on Rated Load,(JEDEC Method) (Note 3)
5000W Peak Pulse Power capability on 10/1000µs waveform
Terminal: Plated Axial leads, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes positive end (cathode) except Bipolar
Operating junction and Storage Temperature Range
Ratings at 25
ambient temperature unless otherwise specified.
Steady State Power Dissipation at TL = 75
, Lead lengths.375",(9.5mm) (Note 2)
IFSM
400
Amps
RATING
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - 5KP110CA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5KP110CA LUGUANG-5KP110CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Surge Components
5KP110CA SURGE-5KP110CA Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Anova Technologies CO.,...
5KP110CA ANOVA-5KP110CA Datasheet
503Kb / 4P
   Axial Lead Transient Voltage Suppressors
logo
Littelfuse
5KP110CA LITTELFUSE-5KP110CA Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
5KP110CA LUGUANG-5KP110CA Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
More results

Similar Description - 5KP110CA

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
StarHope
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
1.5SMC PANJIT-1.5SMC_09 Datasheet
143Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
StarHope
SA SPSEMI-SA Datasheet
918Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
logo
Pan Jit International I...
5KP PANJIT-5KP_08 Datasheet
108Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
logo
StarHope
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
Formosa MS
3KP5.0 FORMOSA-3KP5.0 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com