Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI5A3157CEX Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5A3157CEX
Description  SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A3157CEX Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI5A3157CEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A3157CEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A3157CEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A3157CEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A3157CEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A3157CEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A3157CEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A3157CEX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
7
PS8552D
02/24/05
PI5A3157
SOTINYTM Low Voltage SPDT Analog Switch
2:1 Mux/Demux Bus Switch
Figure 9. Bandwidth
5
64
2
13
Packaging Mechanical: 6-Pin SC70 (C)
Signal
Generator
0dBm
A
10nF
GND
BN
Logic Input
0V or VCC
S
VCC
VCC
50


Similar Part No. - PI5A3157CEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BC6EX PERICOM-PI5A3157BC6EX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BZUEX PERICOM-PI5A3157BZUEX Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results

Similar Description - PI5A3157CEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3158 PERICOM-PI5A3158 Datasheet
475Kb / 7P
   SOTINYTM Low Voltage Dual SPDT Analog Switch 2:1 Mux/DeMux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3158B PERICOM-PI5A3158B Datasheet
367Kb / 8P
   Low Voltage Dual SPDT Analog Switch 2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
logo
Pericom Semiconductor C...
PI5A3159 PERICOM-PI5A3159 Datasheet
604Kb / 10P
   SOTINYTM 1??Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
   Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI5A4213 PERICOM-PI5A4213 Datasheet
431Kb / 7P
   Low Voltage Dual SP3T Analog Switch3:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com