Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT823T Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT823T
Description  Fast CMOS Bus Interface Registers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT823T Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT823T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT823T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT823T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT823T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT823T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT823T Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT823T Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT821T/823T/825T
(25
Ω Series) P174FCT2821T/2823T
BUS INTERFACE REGISTERS
PS2023A 03/11/96
PI74FCT821/2821T Switching Characteristics over Operating Range
821AT/2821AT
821BT/2821BT
821CT/2821CT
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
10.0
1.5
7.5
1.5
6.0
ns
tPHL
CP to YN
RL = 500
(OE = LOW)
CL = 300 pF(3)
1.5
20.0
1.5
15.0
1.5
12.5
ns
RL = 500
tSU
Setup Time HIGH or
CL = 50 pF
4.0
3.0
3.0
ns
LOW, DN to CP
RL = 500
tH
Hold Time HIGH or
2.0
1.5
1.5
ns
LOW, DN to CP
tSU
Setup Time HIGH or
4.0
3.0
3.0
ns
LOW, EN to CP
tH
Hold Time HIGH or
2.0
0
0
ns
LOW, EN to CP
tPHL
Propagation Delay,
1.5
14.0
1.5
9.0
1.5
8.0
ns
CLR to YN
tREM
Recovery Time,(3)
6.0
6.0
6.0
ns
CLR to CP
tW
Clock Pulse Width(3)
7.0
5.0
6.0
ns
HIGH or LOW
tW
CLR Pulse Width(3)
6.0
6.0
6.0
ns
LOW
tPZH
Output Enable Time
CL = 50 pF
1.5
11.5
1.5
8.0
1.5
7.0
ns
tPZL
OE to YN
RL = 500
CL = 300 pF(3)
1.5
23.0
1.5
15.0
1.5
12.5
ns
RL = 500
tPHZ
Output Disable Time(3)
CL = 50 pF
1.5
7.0
1.5
6.5
1.5
6.2
ns
tPLZ
OE to YN
RL = 500
CL = 300 pF(3)
1.5
8.0
1.5
7.5
1.5
6.5
ns
RL = 500
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.


Similar Part No. - PI74FCT823T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
PI74FCT828T PERICOM-PI74FCT828T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
More results

Similar Description - PI74FCT823T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Integrated Device Techn...
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT841AT IDT-IDT74FCT841AT Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT74FCT16646T IDT-IDT74FCT16646T Datasheet
177Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT16823T PERICOM-PI74FCT16823T Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
   FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
Texas Instruments
CY74FCT821T TI-CY74FCT821T Datasheet
86Kb / 10P
[Old version datasheet]   8-/9-/10-Bit Bus Interface Registers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com