Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFULB455KG1A-B0 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # CFULB455KG1A-B0
Description  Ceramic Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

CFULB455KG1A-B0 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  CFULB455KG1A-B0 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ceramic Filter
CFULB
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
04 Feb 2005
Murata
Old
Centre
6dB
40dB
Attenuation Insertion
Pass
Inband
Inband
Input/Output
Operating
Global Part
Model
Frequency Bandwidth Bandwidth Fc ±100kHz
Loss
Band
Ripple GDT Deviation
Impedance Temperature
Number
Number
Fc (kHz)
(kHz) min (db @ kHz)
(dB) min
(dB) max (kHz) (dB) max
(mms) max
(ohms)
Range (°C)
Standard Models
Suffix -B0 denotes bulk pack, 250pcs per box (standard)
Suffix -M0 denotes magazines - 80pcs per magazine.
Features
« High selectivity
« Bandwidths from ±2.0kHz ~ 15.0kHz @ 6dB
« Excellent GDT available for digital comms
« Resin molded package for easy PCB mounting
Global part number
eg:
CFULB455KG1A-B0
Ordering Information
ACTUAL SIZE
6.80
(max)
6.60
(max)
3.50
0.15
1.50
4.30
±0.3
2.60
0.70
OUT
IN
GND
2.50
0.70
0.50
6.80
(max)
Scale 2:1
Connect the output to the IF amplifier through a DC blocking
capacitor
Avoid applying direct current to the output of ceramic filters
All models offer a storage temperature range of -40 to +85°C
Murata
Old
Centre
6dB
40dB
Attenuation Insertion
Pass
Inband
Inband
Input/Output
Operating
Global Part
Model
Frequency Bandwidth Bandwidth Fc ±100kHz
Loss
Band
Ripple GDT Deviation
Impedance Temperature
Number
Number
Fc (kHz)
(kHz) min (db @ kHz)
(dB) min
(dB) max (kHz) (dB) max
(mms) max
(ohms)
Range (°C)
Flat Group Delay Models
CFULB455KB2A-B0
CFUM455B
455.0
±15.00
±30.00
27
4.0
±10.0
3.0
1500
-20 to +80
CFULB455KC2A-B0
CFUM455C
455.0
±12.50
±24.00
27
4.0
±8.0
3.0
1500
-20 to +80
CFULB455KD4A-B0
CFUM455D
455.0
±10.00
±20.00
27
4.0
±7.0
2.0
1500
-20 to +80
CFULB455KE4A-B0
CFUM455E
455.0
±7.50
±15.00
27
6.0
±5.0
1.5
1500
-20 to+80
CFULB455KF4A-B0
CFUM455F
455.0
±6.00
±12.50
27
6.0
±4.0
1.5
2000
-20 to +80
CFULB455KG1A-B0
CFUM455G
455.0
±4.50
±10.00
25
6.0
±3.0
1.5
2000
-20 to +80
CFULB455KH1A-B0
CFUM455H
455.0
±3.00
±9.00
35
6.0
±2.0
1.5
2000
-20 to +80
CFULB455KJ1A-B0
CFUM455I
455.0
±2.00
±7.50
35
6.0
±1.5
1.5
2000
-20 to +80
CFULB455KB4Y-B0
CFUM455BY
455.0
±15.00
±35.00
25
5.0
±10.0
1.0
15
1500
-20 to +80
CFULB455KC4Y-B0
CFUM455CY
455.0
±12.50
±30.00
25
6.0
±8.0
1.0
15
1500
-20 to +80
CFULB455KD1Y-B0
CFUM455DY
455.0
±10.00
±25.00
23
7.0
±7.0
1.0
20
1500
-20 to +80
CFULB455KE1Y-B0
CFUM455EY
455.0
±7.50
±20.00
23
8.0
±5.0
1.0
20
1500
-20 to +80
CFULB455KF1Y-B0
CFUM455FY
455.0
±6.00
±17.50
23
9.0
±4.0
1.0
20
2000
-20 to +80
CFULB455KG1Y-B0
CFUM455GY
455.0
±4.50
±15.00
23
10.0
±3.0
1.0
20
2000
-20 to +80


Similar Part No. - CFULB455KG1A-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CFULB455KG1A-B0 MURATA-CFULB455KG1A-B0 Datasheet
224Kb / 16P
   Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
logo
Murata Manufacturing Co...
CFULB455KG1A-B0 MURATA1-CFULB455KG1A-B0 Datasheet
337Kb / 3P
   Filters
04/11/2024
CFULB455KG1A-B0 MURATA1-CFULB455KG1A-B0_V01 Datasheet
337Kb / 3P
   Filters
04/11/2024
More results

Similar Description - CFULB455KG1A-B0

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com