Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CFWLA450KHFA-B0 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # CFWLA450KHFA-B0
Description  Ceramic Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

CFWLA450KHFA-B0 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  CFWLA450KHFA-B0 Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ceramic Filter
CFWLA
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
04 Feb 2005
Murata
Old
Centre
6dB
50dB
Attenuation Insertion
Pass
Inband
Inband
Input/Output
Operating
Global Part
Model
Frequency Bandwidth Bandwidth Fc ±100kHz
Loss
Band
Ripple GDT Deviation
Impedance Temperature
Number
Number
Fc (kHz)
(kHz) min (db @ kHz)
(dB) min
(dB) max (kHz) (dB) max
(mms) max
(ohms)
Range (°C)
Standard Models
Suffix -B0 denotes bulk pack, 150pcs per box
Suffix -M0 denotes magazines - 50pcs per magazine
Features
« High selectivity
« Bandwidths from ±2.0kHz ~ 15.0kHz @ 6dB
« Excellent GDT available for digital comms
« Resin molded package for easy PCB mounting
Global part number
eg:
CFWLA455KGFA-B0
Ordering Information
Murata
Old
Centre
6dB
50dB
Attenuation Insertion
Pass
Inband
Inband
Input/Output
Operating
Global Part
Model
Frequency Bandwidth Bandwidth Fc ±100kHz
Loss
Band
Ripple GDT Deviation
Impedance Temperature
Number
Number
Fc (kHz)
(kHz) min (db @ kHz)
(dB) min
(dB) max (kHz) (dB) max
(mms) max
(ohms)
Range (°C)
Flat Group Delay Models
ACTUAL SIZE
11.50
(max)
4.00
0.15
2.30
4.30
±0.3
2.90
1.20
OUT
IN
GND
2.90
2.60
0.80
0.60
7.50
(max)
8.0
(max)
Scale 2:1
CFWLA450KD1Y-B0 CFWS450DY
450.0
±10.00
±25.00
40
8
±7.0
1.0
30
1500
-20 to +80
CFWLA450KF1Y-B0 CFWS450FY
450.0
±6.00
±17.50
40
10
±4.0
1.0
40
2000
-20 to +80
CFWLA450KG1Y-B0 CFWS450GY
450.0
±4.50
±15.00
40
11
±3.0
1.0
40
2000
-20 to +80
CFWLA455KB4Y-B0 CFWS455BY
455.0
±15.00
±35.00
40
6
±10.0
1.0
30
1500
-20 to +80
CFWLA455KC4Y-B0 CFWS455CY
455.0
±12.50
±30.00
40
7
±8.0
1.0
30
1500
-20 to +80
CFWLA455KD1Y-B0 CFWS455DY
455.0
±10.00
±25.00
40
8
±7.0
1.0
30
1500
-20 to +80
CFWLA455KE1Y-B0 CFWS455EY
455.0
±7.50
±20.00
40
9
±5.0
1.0
30
1500
-20 to +80
CFWLA455KF1Y-B0 CFWS455FY
455.0
±6.00
±17.50
40
10
±4.0
1.0
40
2000
-20 to +80
CFWLA455KG1Y-B0 CFWS455GY
455.0
±4.50
±15.00
40
11
±3.0
1.0
40
2000
-20 to +80
CFWLA450KDFA-B0 CFWS450D
450.0
±10.00
±20.00
35
4
±7.0
3.0
1500
-20 to +80
CFWLA450KEFA-B0
CFWS450E
450.0
±7.50
±15.00
35
6
±5.0
3.0
1500
-20 to +80
CFWLA450KFFA-B0
CFWS450F
450.0
±6.00
±12.50
35
6
±4.0
3.0
2000
-20 to +80
CFWLA450KGFA-B0 CFWS450G
450.0
±4.50
±10.00
35
6
±3.0
2.0
2000
-20 to +80
CFWLA450KHFA-B0 CFWS450HT
450.0
±3.00
±9.00
60
6
±2.0
2.0
2000
-20 to +80
CFWLA450KJFA-B0
CFWS450IT
450.0
±2.00
±7.50
60
7
±1.5
2.0
2000
-20 to +80
CFWLA455KBFA-B0 CFWS455B
455.0
±15.00
±30.00
35
4
±10.0
3.0
1500
-20 to +80
CFWLA455KCFA-B0
CFWS455C
455.0
±12.50
±24.00
35
4
±8.0
3.0
1500
-20 to +80
CFWLA455KDFA-B0 CFWS455D
455.0
±10.00
±20.00
35
4
±7.0
3.0
1500
-20 to +80
CFWLA455KEFA-B0
CFWS455E
455.0
±7.50
±15.00
35
6
±5.0
3.0
1500
-20 to +80
CFWLA455KFFA-B0
CFWS455F
455.0
±6.00
±12.50
35
6
±4.0
3.0
2000
-20 to +80
CFWLA455KGFA-B0 CFWS455G
455.0
±4.50
±10.00
35
6
±3.0
2.0
2000
-20 to +80
CFWLA455KHFA-B0 CFWS455HT
455.0
±3.00
±9.00
60
6
±2.0
2.0
2000
-20 to +80
CFWLA455KJFA-B0
CFWS455IT
455.0
±2.00
±7.50
60
7
±1.5
2.0
2000
-20 to +80


Similar Part No. - CFWLA450KHFA-B0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CFWLA450KHFA-B0 MURATA1-CFWLA450KHFA-B0 Datasheet
1Mb / 77P
   (Filters/Traps/Discriminators) for Audio/Visual Equipment
CFWLA450KHFA-B0 MURATA1-CFWLA450KHFA-B0 Datasheet
381Kb / 3P
   Filters
04/11/2024
CFWLA450KHFA-B0 MURATA1-CFWLA450KHFA-B0_V01 Datasheet
381Kb / 3P
   Filters
04/11/2024
More results

Similar Description - CFWLA450KHFA-B0

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com