Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN9118 Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # UN9118
Description  Silicon PNP epitaxial planer transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN9118 Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button UN9118 Datasheet HTML 6Page - Panasonic Semiconductor UN9118 Datasheet HTML 7Page - Panasonic Semiconductor UN9118 Datasheet HTML 8Page - Panasonic Semiconductor UN9118 Datasheet HTML 9Page - Panasonic Semiconductor UN9118 Datasheet HTML 10Page - Panasonic Semiconductor UN9118 Datasheet HTML 11Page - Panasonic Semiconductor UN9118 Datasheet HTML 12Page - Panasonic Semiconductor UN9118 Datasheet HTML 13Page - Panasonic Semiconductor UN9118 Datasheet HTML 14Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Transistors with built-in Resistor
UN9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/
911D/911E/911F/911H/911L/UNR911AJ/911BJ/911CJ
Characteristics charts of UN911D
IC — VCE
VCE(sat) — IC
hFE — IC
Cob — VCB
IO — VIN
VIN — IO
Characteristics charts of UN911E
IC — VCE
VCE(sat) — IC
hFE — IC
0
0
–12
– 2
–10
–4
–8
–6
–60
–50
–40
–30
–20
–10
Collector to emitter voltage VCE (V)
Ta=25˚C
IB= –1.0mA
– 0.9mA
– 0.8mA
– 0.7mA
– 0.6mA
– 0.5mA
– 0.4mA
– 0.3mA
– 0.2mA
– 0.1mA
–0.01
–0.03
–0.1 –0.3
–0.1
–0.3
–1
–3
–10
–30
–100
–1
– 3
–10
– 30
–100
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
–1
– 3
40
80
120
160
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
VCE= –10V
Ta=75˚C
25˚C
–25˚C
0
– 0.1 – 0.3
6
5
4
3
2
1
–1
– 3
–10
– 30
–100
Collector to base voltage
VCB (V)
f=1MHz
IE=0
Ta=25˚C
–1
–3
–1.5
–10
–30
–100
– 300
–1000
–3000
–10000
–4.0
–3.5
–3.0
–2.5
–2.0
Input voltage VIN (V)
VO=–5V
Ta=25˚C
–0.01
–0.03
–0.1
–0.3
– 0.1
– 0.3
–1
–3
–10
–30
–100
–1
–3
–10
–30
–100
Output current IO (mA)
VO= – 0.2V
Ta=25˚C
0
0
–12
– 2
–10
–4
–8
–6
–60
–50
–40
–30
–20
–10
Collector to emitter voltage VCE (V)
Ta=25˚C
IB= –1.0mA
– 0.9mA
– 0.8mA – 0.7mA
– 0.6mA
– 0.5mA
– 0.4mA
– 0.3mA
– 0.2mA
– 0.1mA
–0.01
–0.03
– 0.1 – 0.3
– 0.1
– 0.3
–1
–3
–10
–30
–100
–1
– 3
–10
– 30
–100
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
–1
– 3
100
200
300
400
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
VCE=–10V
Ta=75˚C
25˚C
– 25˚C


Similar Part No. - UN9118

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN9210 PANASONIC-UN9210 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
UN9210J PANASONIC-UN9210J Datasheet
400Kb / 19P
   Silicon NPN epitaxial planar type
UN9210J PANASONIC-UN9210J Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
UN9211J PANASONIC-UN9211J Datasheet
400Kb / 19P
   Silicon NPN epitaxial planar type
More results

Similar Description - UN9118

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com