Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5951 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5951
Description  12V/5V Input Buck PWM Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5951 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5951 Datasheet HTML 1Page - Maxim Integrated Products MAX5951 Datasheet HTML 2Page - Maxim Integrated Products MAX5951 Datasheet HTML 3Page - Maxim Integrated Products MAX5951 Datasheet HTML 4Page - Maxim Integrated Products MAX5951 Datasheet HTML 5Page - Maxim Integrated Products MAX5951 Datasheet HTML 6Page - Maxim Integrated Products MAX5951 Datasheet HTML 7Page - Maxim Integrated Products MAX5951 Datasheet HTML 8Page - Maxim Integrated Products MAX5951 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
12V/5V Input Buck PWM Controller
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to AGND.............................................................-0.3V to +24V
BST to AGND..........................................................-0.3V to +30V
BST to LX..................................................................-0.3V to +6V
CS- to AGND ...............................................-0.3V to (VIN + 0.3V)
REG, DREG, PUVLO, DCENI, SYNCIN, THRESH,
SENSE to AGND....................................................-0.3V to +6V
RT, ILIM, STARTUP, PGOOD, FB, CS+ to AGND ....-0.3V to +6V
SYNCOUT, COMP to AGND.....................-0.3V to (VREG + 0.3V)
DL to PGND...............................................-0.3V to (VDREG + 6V)
DH to LX ....................................................-0.3V to (VBST + 0.3V)
PGND to AGND .....................................................-0.3V to +0.3V
Input Current (any pin) .....................................................±50mA
Continuous Power Dissipation (TA = +70°C)
32-Pin TQFN (derate 34.5 mW/°C above +70°C) .2758.6mW
32-Pin TQFN (
θJA) ....................................................+29°C/W
32-Pin TQFN (
θJC) ...................................................+2.1°C/W
Operating Ambient Temperature Range .............-40°C to +85°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) ......…………………..+300°C
ELECTRICAL CHARACTERISTICS
(VIN = 12V or VIN = VREG = 5V, VDREG = VREG, VPGND = 0V, VSYNCIN = 0V, RRT = 100k
Ω, RILIM = 60kΩ, CREG = 2.2µF, TA = TJ =
-40°C to +85°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
816
Input-Voltage Range
VIN
VIN = VREG = VDREG (Note 2)
4.5
5.5
V
Standby Supply Current
VIN = 16V, VPUVLO = 0V
0.3
0.5
mA
Quiescent Supply Current
VIN = 16V, VFB = 0.9V
1.6
2.6
mA
Switching Supply Current
VIN = 16V, VFB = 0V
5.0
8.0
mA
PWM UVLO
Default PWM Undervoltage
Lockout Threshold
VIN rising
6.7
7.3
V
PWM Undervoltage Lockout
Hysteresis
0.7
V
PUVLO Threshold
VPUVLO
VPUVLO rising
1.202
1.220
1.238
V
PUVLO Hysteresis
122
mV
PUVLO Input Impedance
180
310
500
k
PWM DCENI CONTROL
DCENI Comparator Input
Common-Mode Range
03
V
DCENI Comparator Offset
VDCENI - VTHRESH
-10
+10
mV
DCENI Comparator Hysteresis
100
mV
DCENI Input Current
-1
+1
µA
THRESH Operating Voltage
Range
0.6
2.5
V
VTHRESH > 0.6V
-1.5
+1
THRESH Input Current
VTHRESH < 0.3V
-5
+1
µA
Default DCENI Threshold
VTHRESH < 0.3V
1.202
1.22
1.238
V


Similar Part No. - MAX5951

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5950ETJ MAXIM-MAX5950ETJ Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
MAX5952 MAXIM-MAX5952 Datasheet
1,012Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 1; 1/10
MAX5952AEAX++ MAXIM-MAX5952AEAX+ Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
More results

Similar Description - MAX5951

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5201 GMT-G5201 Datasheet
88Kb / 1P
   5V/12V Input Voltage-Mode Buck PWM Controller
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
   5V/12V Synchronous Buck PWM Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
   5V/12V Synchronous Buck PWM Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
   5V/12V Synchronous Buck PWM Controller
EM5302 EXCELLIANCE-EM5302 Datasheet
402Kb / 11P
   5V/12V Synchronous Buck PWM Controller with Reference Input
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com