Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UN521M Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # UN521M
Description  Silicon NPN epitaxial planer transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN521M Datasheet(HTML) 4 Page - Panasonic Semiconductor

  UN521M Datasheet HTML 1Page - Panasonic Semiconductor UN521M Datasheet HTML 2Page - Panasonic Semiconductor UN521M Datasheet HTML 3Page - Panasonic Semiconductor UN521M Datasheet HTML 4Page - Panasonic Semiconductor UN521M Datasheet HTML 5Page - Panasonic Semiconductor UN521M Datasheet HTML 6Page - Panasonic Semiconductor UN521M Datasheet HTML 7Page - Panasonic Semiconductor UN521M Datasheet HTML 8Page - Panasonic Semiconductor UN521M Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Transistors with built-in Resistor
UN5211/5212/5213/5214/5215/5216/5217/5218/5219/5210/
521D/521E/521F/521K/521L/521M/521N/521T/521V/521Z
Common characteristics chart
PT — Ta
Characteristics charts of UN5211
IC — VCE
VCE(sat) — IC
hFE — IC
Cob — VCB
IO — VIN
VIN — IO
0
012
210
48
6
40
120
80
160
140
100
60
20
Collector to emitter voltage VCE (V)
Ta=25˚C
IB=1.0mA
0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
0.8mA
0.9mA
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
13
100
200
300
400
10
30
100
300
1000
Collector current IC (mA)
VCE=10V
Ta=75˚C
25˚C
– 25˚C
0
0.1
0.3
6
5
4
3
2
1
1
3
10
30
100
Collector to base voltage
VCB (V)
f=1MHz
IE=0
Ta=25˚C
1
3
0.4
10
30
100
300
1000
3000
10000
1.4
1.2
1.0
0.8
0.6
Input voltage VIN (V)
VO=5V
Ta=25˚C
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Output current IO (mA)
VO=0.2V
Ta=25˚C
0
0
160
40
120
80
240
200
160
120
80
40
Ambient temperature Ta (˚C)


Similar Part No. - UN521M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN521M PANASONIC-UN521M Datasheet
438Kb / 17P
   Silicon NPN epitaxial planar type
More results

Similar Description - UN521M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com